Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTD4591AM832 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTD4591AM832
Description  MPPS??Miniature Package Power Solutions Complementary dual 40V high performance transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD4591AM832 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTD4591AM832 Datasheet HTML 1Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 2Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 3Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 4Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 5Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 6Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 7Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 8Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Issue 2 - April 2008
1
www.zetex.com
© Zetex Semiconductors plc 2008
ZXTD4591AM832
MPPS™ Miniature Package Power Solutions
Complementary dual 40V high performance transistor
Summary
NPN Transistor - VCEO = 40V; RSAT = 195m ; IC = 2.5A
PNP Transistor - VCEO = -40V; RSAT = 350m ; IC = -2A
Description
Packaged in the 3mm x 2mm MLP (Micro Leaded
Package),
these
high
performance
NPN
/
PNP
combination dual transistors offer lower on state losses
making them ideal for use in DC-DC circuits and various
driving and power-management functions.
Users will also gain several other key benefits:
•
Performance capability equivalent to much
larger packages
•
Improved circuit efficiency & power levels
•
PCB area and device placement savings
•
Lower package height (0.9mm nom)
•
Reduced component count
Features
•
Low Saturation Voltage (500mV max @1A)
•HFE specified up to 2A
•IC = 2.5A Continuous Collector Current
•
3mm x 2mm MLP
Applications
•
DC - DC Converters
•
Power switches
•
Motor control
•
LED Backlighting circuits
Ordering information
Device marking
91A
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXTD4591AM832TA
7
8
3,000
ZXTD4591AM832TC
13
8
10,000
C1
E1
B1
C2
E2
B2
C2 C2 C1 C1
E2 B2
Bottom view
E1 B1
1
2
3
4
8
7
6
5
NPN
PNP
OBSOLETE - PLEASE USE ZXTC4591AMC


Similar Part No. - ZXTD4591AM832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD4591AM832 ZETEX-ZXTD4591AM832 Datasheet
348Kb / 8P
COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
ZXTD4591AM832TA ZETEX-ZXTD4591AM832TA Datasheet
348Kb / 8P
COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
ZXTD4591AM832TC ZETEX-ZXTD4591AM832TC Datasheet
348Kb / 8P
COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
More results

Similar Description - ZXTD4591AM832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDAM832 ZETEX-ZXTDAM832 Datasheet
216Kb / 6P
MPPS Miniature Package Power Solutions DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXMC3AM832 ZETEX-ZXMC3AM832 Datasheet
280Kb / 10P
MPPS??Miniature Package Power Solutions COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXTD2M832 ZETEX-ZXTD2M832 Datasheet
213Kb / 6P
MPPS Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTDC3M832 ZETEX-ZXTDC3M832 Datasheet
266Kb / 8P
MPPS Miniature Package Power Solutions DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXT3M322 ZETEX-ZXT3M322 Datasheet
166Kb / 6P
MPPS Miniature Package Power Solutions 40V PNP LOW SATURATION SWITCHING TRANSISTOR
ZX3CD3S1M832 ZETEX-ZX3CD3S1M832 Datasheet
346Kb / 9P
MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZXSDS2M832 ZETEX-ZXSDS2M832 Datasheet
202Kb / 6P
MPPS Miniature Package Power Solutions
ZXTEM322 ZETEX-ZXTEM322_06 Datasheet
209Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTD2M832 ZETEX-ZXTD2M832_07 Datasheet
205Kb / 6P
MPPS??Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTCM322 DIODES-ZXTCM322 Datasheet
400Kb / 6P
MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
JUNE 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com