Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTD4591AM832 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXTD4591AM832
Description  MPPS??Miniature Package Power Solutions Complementary dual 40V high performance transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD4591AM832 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXTD4591AM832 Datasheet HTML 2Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 3Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 4Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 5Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 6Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 7Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 8Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 9Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ZXTD4591AM832
Issue 2 - April 2008
8
www.zetex.com
© Zetex Semiconductors plc 2008
Package outline MLP832
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.80
1.00
0.0315
0.0394
e
0.65 BSC
0.0256 BSC
A1
0.00
0.05
0.00
0.002
E
2.00 BSC
0.0787 BSC
A2
0.65
0.75
0.0256
0.0295
E2
0.43
0.63
0.017
0.0248
A3
0.15
0.25
0.006
0.0098
E4
0.16
0.36
0.006
0.014
b
0.24
0.34
0.0095
0.0134
L
0.20
0.45
0.0079
0.0177
b1
0.17
0.30
0.0068
0.0118
L2
0.00
0.125
0.00
0.005
D
3.00 BSC
0.118 BSC
r
0.075 BSC
0.0029 BSC
D2
0.82
1.02
0.0323
0.0402
0
°
12
°
0
°
12
°
D3
1.01
1.21
0.0398
0.0476
-
-
-
-
-
OBSOLETE - PLEASE USE ZXTC4591AMC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com