Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXRE330ESA-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXRE330ESA-7
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE330ESA-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXRE330ESA-7 Datasheet HTML 1Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 2Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 3Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 4Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 5Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 6Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 7Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXRE330
Document number: DS36772 Rev. 2 - 2
5 of 8
www.diodes.com
January 2014
© Diodes Incorporated
ZXRE330
Start Up Characteristics ZXRE330
IR=100μA, No Load Capacitor
IR=5mA, No Load Capacitor
Application Information
In a conventional shunt regulator application (Figure 1), an external series resistor (RS) is connected between the supply voltage, VS, and the
ZXRE330.
RS determines the current that flows through the load (IL) and the ZXRE330 (IR). Since load current and supply voltage
may vary, RS should be small enough to supply at least the minimum acceptable IR to the ZXRE330 even when the
supply voltage is at its minimum and the load current is at its maximum value. When the supply voltage is at its maximum
and IL is at its minimum, RS should be large enough so that the current flowing through the ZXRE330 is less than 10 mA.
RS is determined by the supply voltage, (VS), the load and operating current, (IL and IR), and the ZXRE330’s reverse
breakdown voltage, VR.
R
L
R
S
S
I
I
V
V
R
Printed circuit board layout considerations
ZXRE330 in the SOT23 package have the die attached to pin 1, which results in an electrical contact between pin 2 and
pin 3. Therefore, pin 1 of the SOT23 package must be left floating or connected to pin 2.
ZXRE330 in the TO92 package have the die attached to pin 2, which results in an electrical contact between pin 2 and pin
1. Therefore, pin 2 must be left floating or connected to pin1.
RS
VS
IR +
IL
IR
IL
VR
Input
Output
Input
Output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com