Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXRE330ESA-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXRE330ESA-7
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE330ESA-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXRE330ESA-7 Datasheet HTML 1Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 2Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 3Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 4Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 5Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 6Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 7Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXRE330
Document number: DS36772 Rev. 2 - 2
6 of 8
www.diodes.com
January 2014
© Diodes Incorporated
ZXRE330
 
ZXRE330X XX -X
Packing
Package
SA : SOT23
V : TO92
7 : Tape & Reel
A : Ammo Box
A : ±0.5%
E : ±2%
Reference Voltage
Tolerance
Ordering Information
Note:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf
Marking Information
(1) SOT23
Part Number
Package
Identification Code
ZXRE330ASA-7
SOT23
DC
ZXRE330ESA-7
SOT23
DD
(2) TO92
( Top View )
RE330
X Y WW X X
Accuracy
A : ±0.5%
E : ±2%
WW : Week : 01
~52; 52
Y : Year : 0
~9
X X : Internal Code
represents 52 and 53 week
Part Number
Package
Code
Packaging
7” Tape and Reel
Ammo Box
Quantity
Part Number Suffix
Quantity
Part Number Suffix
ZXRE330ASA-7
SA
SOT23
3000/Tape & Reel
-7
NA
NA
ZXRE330ESA-7
SA
SOT23
3000/Tape & Reel
-7
NA
NA
ZXRE330AV-A
V
TO92
NA
NA
2000/Box
A
ZXRE330EV-A
V
TO92
NA
NA
2000/Box
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com