Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXRE330ESA-7 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXRE330ESA-7
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE330ESA-7 Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXRE330ESA-7 Datasheet HTML 1Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 2Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 3Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 4Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 5Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 6Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 7Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXRE330
Document number: DS36772 Rev. 2 - 2
7 of 8
www.diodes.com
January 2014
© Diodes Incorporated
ZXRE330
E
L
D
A
e
e
E J E C T I O N M A R K
b 1
A M M O
B U L K
c
E
L 1
E J E C T I O N M A R K
L 2
L 3
D 1
A 2
e 2
e 2
ø
b
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
SOT23
TO92
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.890
1.00
0.975
K1
0.903
1.10
1.025
L
0.45
0.61
0.55
L1
0.25
0.55
0.40
M
0.085 0.150 0.110
a
8°
All Dimensions in mm
TO92
Dim
Min
Max
Typ
A
3.45
3.66
-
A2
1.22
1.37
-
b
-
-
0.38
c
-
-
0.38
D
4.27
4.78
-
D1
-
-
3.87
E
4.32
4.83
-
e
-
-
1.27
e2
2.40
2.90
-
L
12.98 15.00
-
L1
12.80 15.00
-
L2
0.80
-
-
L3
2.00
3.00
-
All Dimensions in mm
J
K 1
K
L 1
H
L
M
A l l 7 °
A
C
B
D
a



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com