Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO137RSB2 Datasheet(PDF) 137 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 137 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 133Page - Microsemi Corporation IO137RSB2 Datasheet HTML 134Page - Microsemi Corporation IO137RSB2 Datasheet HTML 135Page - Microsemi Corporation IO137RSB2 Datasheet HTML 136Page - Microsemi Corporation IO137RSB2 Datasheet HTML 137Page - Microsemi Corporation IO137RSB2 Datasheet HTML 138Page - Microsemi Corporation IO137RSB2 Datasheet HTML 139Page - Microsemi Corporation IO137RSB2 Datasheet HTML 140Page - Microsemi Corporation IO137RSB2 Datasheet HTML 141Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
4 - 21
VQ100
Pin Number
A3P125 Function
1GND
2
GAA2/IO67RSB1
3
IO68RSB1
4
GAB2/IO69RSB1
5
IO132RSB1
6
GAC2/IO131RSB1
7
IO130RSB1
8
IO129RSB1
9GND
10
GFB1/IO124RSB1
11
GFB0/IO123RSB1
12
VCOMPLF
13
GFA0/IO122RSB1
14
VCCPLF
15
GFA1/IO121RSB1
16
GFA2/IO120RSB1
17
VCC
18
VCCIB1
19
GEC0/IO111RSB1
20
GEB1/IO110RSB1
21
GEB0/IO109RSB1
22
GEA1/IO108RSB1
23
GEA0/IO107RSB1
24
VMV1
25
GNDQ
26
GEA2/IO106RSB1
27
GEB2/IO105RSB1
28
GEC2/IO104RSB1
29
IO102RSB1
30
IO100RSB1
31
IO99RSB1
32
IO97RSB1
33
IO96RSB1
34
IO95RSB1
35
IO94RSB1
36
IO93RSB1
37
VCC
38
GND
39
VCCIB1
40
IO87RSB1
41
IO84RSB1
42
IO81RSB1
43
IO75RSB1
44
GDC2/IO72RSB1
45
GDB2/IO71RSB1
46
GDA2/IO70RSB1
47
TCK
48
TDI
49
TMS
50
VMV1
51
GND
52
VPUMP
53
NC
54
TDO
55
TRST
56
VJTAG
57
GDA1/IO65RSB0
58
GDC0/IO62RSB0
59
GDC1/IO61RSB0
60
GCC2/IO59RSB0
61
GCB2/IO58RSB0
62
GCA0/IO56RSB0
63
GCA1/IO55RSB0
64
GCC0/IO52RSB0
65
GCC1/IO51RSB0
66
VCCIB0
67
GND
68
VCC
69
IO47RSB0
70
GBC2/IO45RSB0
71
GBB2/IO43RSB0
72
IO42RSB0
VQ100
Pin Number
A3P125 Function
73
GBA2/IO41RSB0
74
VMV0
75
GNDQ
76
GBA1/IO40RSB0
77
GBA0/IO39RSB0
78
GBB1/IO38RSB0
79
GBB0/IO37RSB0
80
GBC1/IO36RSB0
81
GBC0/IO35RSB0
82
IO32RSB0
83
IO28RSB0
84
IO25RSB0
85
IO22RSB0
86
IO19RSB0
87
VCCIB0
88
GND
89
VCC
90
IO15RSB0
91
IO13RSB0
92
IO11RSB0
93
IO09RSB0
94
IO07RSB0
95
GAC1/IO05RSB0
96
GAC0/IO04RSB0
97
GAB1/IO03RSB0
98
GAB0/IO02RSB0
99
GAA1/IO01RSB0
100
GAA0/IO00RSB0
VQ100
Pin Number
A3P125 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com