Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO137RSB2 Datasheet(PDF) 140 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 140 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 136Page - Microsemi Corporation IO137RSB2 Datasheet HTML 137Page - Microsemi Corporation IO137RSB2 Datasheet HTML 138Page - Microsemi Corporation IO137RSB2 Datasheet HTML 139Page - Microsemi Corporation IO137RSB2 Datasheet HTML 140Page - Microsemi Corporation IO137RSB2 Datasheet HTML 141Page - Microsemi Corporation IO137RSB2 Datasheet HTML 142Page - Microsemi Corporation IO137RSB2 Datasheet HTML 143Page - Microsemi Corporation IO137RSB2 Datasheet HTML 144Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 210 page
background image
Package Pin Assignments
4- 24
R e v i sio n 1 5
TQ144
Pin Number
A3P060 Function
1
GAA2/IO51RSB1
2
IO52RSB1
3
GAB2/IO53RSB1
4
IO95RSB1
5
GAC2/IO94RSB1
6
IO93RSB1
7
IO92RSB1
8
IO91RSB1
9VCC
10
GND
11
VCCIB1
12
IO90RSB1
13
GFC1/IO89RSB1
14
GFC0/IO88RSB1
15
GFB1/IO87RSB1
16
GFB0/IO86RSB1
17
VCOMPLF
18
GFA0/IO85RSB1
19
VCCPLF
20
GFA1/IO84RSB1
21
GFA2/IO83RSB1
22
GFB2/IO82RSB1
23
GFC2/IO81RSB1
24
IO80RSB1
25
IO79RSB1
26
IO78RSB1
27
GND
28
VCCIB1
29
GEC1/IO77RSB1
30
GEC0/IO76RSB1
31
GEB1/IO75RSB1
32
GEB0/IO74RSB1
33
GEA1/IO73RSB1
34
GEA0/IO72RSB1
35
VMV1
36
GNDQ
37
NC
38
GEA2/IO71RSB1
39
GEB2/IO70RSB1
40
GEC2/IO69RSB1
41
IO68RSB1
42
IO67RSB1
43
IO66RSB1
44
IO65RSB1
45
VCC
46
GND
47
VCCIB1
48
NC
49
IO64RSB1
50
NC
51
IO63RSB1
52
NC
53
IO62RSB1
54
NC
55
IO61RSB1
56
NC
57
NC
58
IO60RSB1
59
IO59RSB1
60
IO58RSB1
61
IO57RSB1
62
NC
63
GND
64
NC
65
GDC2/IO56RSB1
66
GDB2/IO55RSB1
67
GDA2/IO54RSB1
68
GNDQ
69
TCK
70
TDI
71
TMS
72
VMV1
TQ144
Pin Number
A3P060 Function
73
VPUMP
74
NC
75
TDO
76
TRST
77
VJTAG
78
GDA0/IO50RSB0
79
GDB0/IO48RSB0
80
GDB1/IO47RSB0
81
VCCIB0
82
GND
83
IO44RSB0
84
GCC2/IO43RSB0
85
GCB2/IO42RSB0
86
GCA2/IO41RSB0
87
GCA0/IO40RSB0
88
GCA1/IO39RSB0
89
GCB0/IO38RSB0
90
GCB1/IO37RSB0
91
GCC0/IO36RSB0
92
GCC1/IO35RSB0
93
IO34RSB0
94
IO33RSB0
95
NC
96
NC
97
NC
98
VCCIB0
99
GND
100
VCC
101
IO30RSB0
102
GBC2/IO29RSB0
103
IO28RSB0
104
GBB2/IO27RSB0
105
IO26RSB0
106
GBA2/IO25RSB0
107
VMV0
108
GNDQ
TQ144
Pin Number
A3P060 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com