Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO137RSB2 Datasheet(PDF) 150 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 150 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 146Page - Microsemi Corporation IO137RSB2 Datasheet HTML 147Page - Microsemi Corporation IO137RSB2 Datasheet HTML 148Page - Microsemi Corporation IO137RSB2 Datasheet HTML 149Page - Microsemi Corporation IO137RSB2 Datasheet HTML 150Page - Microsemi Corporation IO137RSB2 Datasheet HTML 151Page - Microsemi Corporation IO137RSB2 Datasheet HTML 152Page - Microsemi Corporation IO137RSB2 Datasheet HTML 153Page - Microsemi Corporation IO137RSB2 Datasheet HTML 154Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 210 page
background image
Package Pin Assignments
4- 34
R e v i sio n 1 5
109
TRST
110
VJTAG
111
GDA0/IO79VDB1
112
GDA1/IO79UDB1
113
GDB0/IO78VDB1
114
GDB1/IO78UDB1
115
GDC0/IO77VDB1
116
GDC1/IO77UDB1
117
IO76VDB1
118
IO76UDB1
119
IO75NDB1
120
IO75PDB1
121
IO74RSB1
122
GND
123
VCCIB1
124
NC
125
NC
126
VCC
127
IO72NDB1
128
GCC2/IO72PDB1
129
GCB2/IO71PSB1
130
GND
131
GCA2/IO70PSB1
132
GCA1/IO69PDB1
133
GCA0/IO69NDB1
134
GCB0/IO68NDB1
135
GCB1/IO68PDB1
136
GCC0/IO67NDB1
137
GCC1/IO67PDB1
138
IO66NDB1
139
IO66PDB1
140
VCCIB1
141
GND
142
VCC
143
IO65RSB1
144
IO64NDB1
PQ208
Pin Number
A3P400 Function
145
IO64PDB1
146
IO63NDB1
147
IO63PDB1
148
IO62NDB1
149
GBC2/IO62PDB1
150
IO61NDB1
151
GBB2/IO61PDB1
152
IO60NDB1
153
GBA2/IO60PDB1
154
VMV1
155
GNDQ
156
GND
157
VMV0
158
GBA1/IO59RSB0
159
GBA0/IO58RSB0
160
GBB1/IO57RSB0
161
GBB0/IO56RSB0
162
GND
163
GBC1/IO55RSB0
164
GBC0/IO54RSB0
165
IO52RSB0
166
IO49RSB0
167
IO46RSB0
168
IO43RSB0
169
IO40RSB0
170
VCCIB0
171
VCC
172
IO36RSB0
173
IO35RSB0
174
IO34RSB0
175
IO33RSB0
176
IO32RSB0
177
IO31RSB0
178
GND
179
IO29RSB0
180
IO28RSB0
PQ208
Pin Number
A3P400 Function
181
IO27RSB0
182
IO26RSB0
183
IO25RSB0
184
IO24RSB0
185
IO23RSB0
186
VCCIB0
187
VCC
188
IO21RSB0
189
IO20RSB0
190
IO19RSB0
191
IO18RSB0
192
IO17RSB0
193
IO16RSB0
194
IO15RSB0
195
GND
196
IO13RSB0
197
IO11RSB0
198
IO09RSB0
199
IO07RSB0
200
VCCIB0
201
GAC1/IO05RSB0
202
GAC0/IO04RSB0
203
GAB1/IO03RSB0
204
GAB0/IO02RSB0
205
GAA1/IO01RSB0
206
GAA0/IO00RSB0
207
GNDQ
208
VMV0
PQ208
Pin Number
A3P400 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com