Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO137RSB2 Datasheet(PDF) 154 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 154 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 150Page - Microsemi Corporation IO137RSB2 Datasheet HTML 151Page - Microsemi Corporation IO137RSB2 Datasheet HTML 152Page - Microsemi Corporation IO137RSB2 Datasheet HTML 153Page - Microsemi Corporation IO137RSB2 Datasheet HTML 154Page - Microsemi Corporation IO137RSB2 Datasheet HTML 155Page - Microsemi Corporation IO137RSB2 Datasheet HTML 156Page - Microsemi Corporation IO137RSB2 Datasheet HTML 157Page - Microsemi Corporation IO137RSB2 Datasheet HTML 158Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 210 page
background image
Package Pin Assignments
4- 38
R e v i sio n 1 5
109
TRST
110
VJTAG
111
GDA0/IO113NDB1
112
GDA1/IO113PDB1
113
GDB0/IO112NDB1
114
GDB1/IO112PDB1
115
GDC0/IO111NDB1
116
GDC1/IO111PDB1
117
IO109NDB1
118
IO109PDB1
119
IO106NDB1
120
IO106PDB1
121
IO104PSB1
122
GND
123
VCCIB1
124
IO99NDB1
125
IO99PDB1
126
NC
127
IO96NDB1
128
GCC2/IO96PDB1
129
GCB2/IO95PSB1
130
GND
131
GCA2/IO94PSB1
132
GCA1/IO93PDB1
133
GCA0/IO93NDB1
134
GCB0/IO92NDB1
135
GCB1/IO92PDB1
136
GCC0/IO91NDB1
137
GCC1/IO91PDB1
138
IO88NDB1
139
IO88PDB1
140
VCCIB1
141
GND
142
VCC
143
IO86PSB1
144
IO84NDB1
PQ208
Pin Number
A3P1000 Function
145
IO84PDB1
146
IO82NDB1
147
IO82PDB1
148
IO80NDB1
149
GBC2/IO80PDB1
150
IO79NDB1
151
GBB2/IO79PDB1
152
IO78NDB1
153
GBA2/IO78PDB1
154
VMV1
155
GNDQ
156
GND
157
VMV0
158
GBA1/IO77RSB0
159
GBA0/IO76RSB0
160
GBB1/IO75RSB0
161
GBB0/IO74RSB0
162
GND
163
GBC1/IO73RSB0
164
GBC0/IO72RSB0
165
IO70RSB0
166
IO67RSB0
167
IO63RSB0
168
IO60RSB0
169
IO57RSB0
170
VCCIB0
171
VCC
172
IO54RSB0
173
IO51RSB0
174
IO48RSB0
175
IO45RSB0
176
IO42RSB0
177
IO40RSB0
178
GND
179
IO38RSB0
180
IO35RSB0
PQ208
Pin Number
A3P1000 Function
181
IO33RSB0
182
IO31RSB0
183
IO29RSB0
184
IO27RSB0
185
IO25RSB0
186
VCCIB0
187
VCC
188
IO22RSB0
189
IO20RSB0
190
IO18RSB0
191
IO16RSB0
192
IO15RSB0
193
IO14RSB0
194
IO13RSB0
195
GND
196
IO12RSB0
197
IO11RSB0
198
IO10RSB0
199
IO09RSB0
200
VCCIB0
201
GAC1/IO05RSB0
202
GAC0/IO04RSB0
203
GAB1/IO03RSB0
204
GAB0/IO02RSB0
205
GAA1/IO01RSB0
206
GAA0/IO00RSB0
207
GNDQ
208
VMV0
PQ208
Pin Number
A3P1000 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com