Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP1N105K3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP1N105K3
Description  N-channel 1050 V, 8 Ω typ., 1.4 A SuperMESH3™ Power MOSFET in TO-220FP, TO-3PF and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1N105K3 Datasheet(HTML) 5 Page - STMicroelectronics

  STP1N105K3 Datasheet HTML 1Page - STMicroelectronics STP1N105K3 Datasheet HTML 2Page - STMicroelectronics STP1N105K3 Datasheet HTML 3Page - STMicroelectronics STP1N105K3 Datasheet HTML 4Page - STMicroelectronics STP1N105K3 Datasheet HTML 5Page - STMicroelectronics STP1N105K3 Datasheet HTML 6Page - STMicroelectronics STP1N105K3 Datasheet HTML 7Page - STMicroelectronics STP1N105K3 Datasheet HTML 8Page - STMicroelectronics STP1N105K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STF1N105K3, STFW1N105K3, STP1N105K3
Electrical characteristics
Doc ID 023509 Rev 2
5/18
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
t
r
t
d(off)
t
f
Turn-on delay time
Rise time
Turn-off delay time
Fall time
V
DD
= 525 V, I
D
= 0.6 A,
R
G
=4.7
Ω, V
GS
=10 V
(see Figure 20)
-
6
7
27
50
-
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
I
SDM
Source-drain current
Source-drain current (pulsed)
-
1.4
5.6
mA
A
V
SD
(1)
1.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 1.2 A, V
GS
=0
-
1.5
V
t
rr
Q
rr
I
RRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
I
SD
= 1.2 A, V
DD
= 60 V
di/dt = 100 A/μs,
(see Figure 19)
-
244
1
9
ns
μC
A
t
rr
Q
rr
I
RRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
I
SD
= 1.2 A,V
DD
= 60 V
di/dt=100 A/μs,
Tj=25 °C
(see Figure 19)
-
330
1.3
8
ns
μC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com