Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1102 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1102
Description  3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1102 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button WS1102 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1
Handling and Storage
ESD (Electrostatic Discharge)
Electrostatic discharge occurs naturally in the
environment. With the increase in voltage potential, the
outlet of neutralization or discharge will be sought. If the
acquired discharge route is through a semiconductor
device, destructive damage will result.
ESD countermeasure methods should be developed
and used to control potential ESD damage
during handling in a factory environment at each
manufacturing site.
MSL (Moisture Sensitivity Level)
Plastic encapsulated surface mount package is sensitive to
damage induced by absorbed moisture and temperature.
Avago Technologies follows JEDEC Standard J-STD 020B.
Each component and package type is classified for
moisture sensitivity by soaking a known dry package at
various temperatures and relative humidity, and times.
After soak, the components are subjected to three
consecutive simulated reflows.
Table 5. ESD Classification
Pin#
Name
Description
HBM
MM
Classification
1
Vcc1
Supply Voltage
± 2000V
± 200V
Class 2
2
RF In
RF Input
± 2000V
± 200V
Class 2
3
Vcont
Control Voltage
± 2000V
± 200V
Class 2
4
Vref
Reference Voltage
± 2000V
± 200V
Class 2
5
GND
Ground
± 2000V
± 200V
Class 2
6
GND
Ground
± 2000V
± 200V
Class 2
7
RF Out
RF Output
± 2000V
± 200V
Class 2
8
Vcc2
Supply Voltage
± 2000V
± 200V
Class 2
Note:
1. Module products should be considered extremely ESD sensitive.
The out of bag exposure time maximum limits are
determined by the classification test described above
which corresponds to a MSL classification level 6 to 1
according to the JEDEC standard IPC/JEDEC J-STD-020B
and J-STD-033.
WS1102 is MSL3. Thus, according to the J-STD-033 p.11
the maximum Manufacturers Exposure Time (MET) for
this part is 168 hours. After this time period, the part
would need to be removed from the reel, de-taped and
then re-baked.
MSL classification reflow temperature for the WS1102 is
targeted at 250°C +0/-5°C. Figure 19 and Table 7 show
typical SMT profile for maximum temperature of 250°C
+0/-5°C.
Table 6. Moisture Classification Level and Floor Life
MSLLevel
FloorLife(outofbag)atfactoryambient≤30°C/60%RHorasstated
1
Unlimited at ≤ 30oC/85% RH
2
1 year
2a
4 weeks
3
168 hours
4
72 hours
5
48 hours
5a
24 hours
6
Mandatory bake before use. After bake, must be reflowed within the time limit specified on the label
Note:
1. The MSL Level is marked on the MSL Label on each shipping bag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com