Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1102 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1102
Description  3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1102 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  WS1102 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image

Table 4-1. Electrical Characteristics for CDMA Mode (Vcc=3.4V, Vref=2.85V, T=25°C)
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Gain
Gain_hi
Pout = 28.0 dBm
25.5
28.5
dB
Gain_low
Pout = 16.0 dBm
15.5
18.5
dB
Power Added Efficiency
PAE_hi
Pout = 28.0 dBm
37
40
%
PAE_low
Pout = 16.0 dBm
16
19
%
Total Supply Current
Icc_hi
Pout = 28.0 dBm
460
500
mA
Icc_low
Pout = 16.0 dBm
60
80
mA
Quiescent Current
Iq_hi
High Power Mode
60
85
110
mA
Iq_low
Low Power Mode
8
14
22
mA
Reference Current
Iref_hi
Pout = 28.0 dBm
3
7
mA
Iref_low
Pout = 16.0 dBm
4
8
mA
Control Current [1]
Icont
Pout = 16.0 dBm
0.2
1
mA
Total Current in Power-down Mode Ipd
Vref = 0.0V
0.2
5
µA
ACPR in High Power Mode
0.90 MHz offset
ACPR1_hi
Pout = 28.0 dBm
-50
-47
dBc
1.98 MHz offset
ACPR2_hi
Pout = 28.0 dBm
-60
-57
dBc
ACPR in Low Power Mode
0.90 MHz offset
ACPR1_low
Pout = 16.0 dBm
-52
-47
dBc
1.98 MHz offset
ACPR2_low
Pout = 16.0 dBm
-62
-57
dBc
Harmonic Suppression
Second
2f0
Pout = 28.0 dBm
-33
-30
dBc
Third
3f0
Pout = 28.0 dBm
-55
-40
dBc
Input VSWR
VSWR
2:1
2.5:1
VSWR
Stability (Spurious Output)
S
VSWR 6:1, All phase
-60
dBc
Noise Power in RX Band
RxBN
Pout = 28.0 dBm
-136
-132
dBm/Hz
Ruggedness
Ru
Pout < 28.0 dBm, Pin < 10.0 dBm
10:1
VSWR
Table 4-2. Electrical Characteristics for AMPS Mode (Vcc=3.4V, Vref=2.85V, T=25°C)
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Gain
Gain_a
Pout = 31.0 dBm
25
28
31
dB
Power Added Efficiency
PAE_a
Pout = 31.0 dBm
50
54
%
Total Supply Current
Icc_a
Pout = 31.0 dBm
685
740
mA
Quiescent Current
Iq_a
High Power Mode
60
85
110
mA
Reference Current
Iref_a
Pout = 31.0 dBm
4
10
mA
Total Supply Current in Power-down Mode
Ipd
Vcc=3.4, Vref=0V, Vcont=0V
0.2
5
µA
Harmonic Suppression
Second
2f0
Pout = 31.0 dBm
-33
-30
dBc
Third
3f0
Pout = 31.0 dBm
-50
-40
dBc
Input VSWR
VSWR
2:1
2.5:1
VSWR
Stability (Spurious Output)
S
VSWR 6:1, All phase
-60
dBc
Noise Power in RX Band
RxBN
Pout = 31 dBm
-136
-130
dBm/Hz
Ruggedness
Ru
Pout<31 dBm, Pin<10.0 dBm
10:1
VSWR
Note:
1. Control current when series 6.2okm is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com