Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1102 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1102
Description  3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1102 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  WS1102 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image

Table 1. Absolute Maximum Ratings[1]
Parameter
Symbol
Min.
Nominal
Max.
Unit
RF Input Power
Pin
–
–
10.0
dBm
DC Supply Voltage
Vcc
–
3.4
5.0
V
DC Reference Voltage
Vref
–
2.85
3.3
V
Storage Temperature
Tstg
-55
–
+125
°C
Table 2. Recommended Operating Conditions
Parameter
Symbol
Min.
Nominal
Max.
Unit
DC Supply Voltage
Vcc
3.2
3.4
4.2
V
DC Reference Voltage
Vref
2.75
2.85
2.95
V
Mode Control Voltage
– High Power Mode
Vcont
–
0
–
V
– Low Power Mode
Vcont
–
2.85
–
V
Operating Frequency
Fo
824
–
849
MHz
Ambient Temperature
Ta
-30
25
85
°C
Table 3. Power Range Truth Table
PowerMode
Symbol
Vref
Vcont[2]
Range
High Power Mode[3]
PR2
2.85
Low
~28 dBm
Low Power Mode[3]
PR1
2.85
High
~16 dBm
Shut Down Mode[4]
–
0.00
–
–
Notes:
1. No damage assuming only one parameter is set at limit at a time with all other parameters
set at or below nominal value.
2. High (1.5V – 3.0V), Low (0.0V – 0.5V).
3. To change between High Power Mode and Low Power Mode, switch Vcont accordingly.
4. In order to shut down the module, turn off Vref accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com