Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD13ATPUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STOD13ATPUR
Description  250 mA dual DC-DC converter for powering AMOLED displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13ATPUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STOD13ATPUR Datasheet HTML 7Page - STMicroelectronics STOD13ATPUR Datasheet HTML 8Page - STMicroelectronics STOD13ATPUR Datasheet HTML 9Page - STMicroelectronics STOD13ATPUR Datasheet HTML 10Page - STMicroelectronics STOD13ATPUR Datasheet HTML 11Page - STMicroelectronics STOD13ATPUR Datasheet HTML 12Page - STMicroelectronics STOD13ATPUR Datasheet HTML 13Page - STMicroelectronics STOD13ATPUR Datasheet HTML 14Page - STMicroelectronics STOD13ATPUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
STOD13A
Typical performance characteristics
Doc ID 022599 Rev 1
11/24
5
Typical performance characteristics
VINA = VINP = 3.7 V, VO2 = - 4.9 V, TJ = 25°C; see Table 1 for external components used in
the tests below.
Figure 4.
Maximum power output vs. input
voltage (VINA = VINP = 2.9 to 4.2 V)
Figure 5.
Efficiency vs. output current
VINA = VINP = 3.3 to 4.2 V, IMID,O2 = 10 to 250 mA
Figure 6.
Efficiency vs. inductor
Figure 7.
Soft-start and inrush current (no
load)
IMID,O2 = 10 to 250 mA, L1 = L2
Figure 8.
Fast discharge
Figure 9.
Switching and output waveforms
No load, EN = SW = FD = Low
VINA = VINP = 2.9 V, IMID,O2 = 250 mA, TJ = 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com