Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD13ATPUR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STOD13ATPUR
Description  250 mA dual DC-DC converter for powering AMOLED displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13ATPUR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STOD13ATPUR Datasheet HTML 15Page - STMicroelectronics STOD13ATPUR Datasheet HTML 16Page - STMicroelectronics STOD13ATPUR Datasheet HTML 17Page - STMicroelectronics STOD13ATPUR Datasheet HTML 18Page - STMicroelectronics STOD13ATPUR Datasheet HTML 19Page - STMicroelectronics STOD13ATPUR Datasheet HTML 20Page - STMicroelectronics STOD13ATPUR Datasheet HTML 21Page - STMicroelectronics STOD13ATPUR Datasheet HTML 22Page - STMicroelectronics STOD13ATPUR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
STOD13A
Detailed description
Doc ID 022599 Rev 1
19/24
8.1.2
Enable pin
The device operates when the EN pin is set high. If the EN pin is set low, the device stops
switching, and all the internal blocks are turned off. In this condition the current drawn from
VINP/VINA is below 1 µA in the whole temperature range. In addition, the internal switches
are in an OFF state so the load is electrically disconnected from the input, this avoids
unwanted current leakage from the input to the load.
8.1.3
Soft-start and inrush current limiting
After the EN pin is pulled high, or after a suitable voltage is applied to VINP, VINA and EN the
device initiates the startup phase. As a first step, the CMID capacitor is charged, the P1B
switch implements a current limiting technique in order to keep the charge current below
400 mA. This avoids the battery overloading during startup. After VMID reaches the VINP
voltage level, the P1B switch is fully turned on and the soft-start procedure for the step-up is
started.
After around 2 ms the soft-start for the inverting is started. The positive and negative
voltages are under regulation at around 6ms after the EN pin is asserted high.
8.1.4
Undervoltage lockout
The undervoltage lockout function avoids improper operation of the STOD13A when the
input voltage is not high enough. When the input voltage is below the UVLO threshold the
device is in shutdown mode. The hysteresis of 50 mV avoids unstable operation when the
input voltage is close to the UVLO threshold.
8.1.5
Overtemperature protection
An internal temperature sensor continuously monitors the IC junction temperature. If the IC
temperature exceeds 140 °C, typical, the device stops operating. As soon as the
temperature falls below 125 °C, typical, normal operation is restored.
8.1.6
Short-circuit protection
When short-circuit occurs, the device is able to detect the voltage difference between VIN
and VOUT. Overshoots are limited, decreasing the inductor current. After that, the output
stages of the device are turned off. This status is maintained, avoiding current flowing to the
load. A new ENABLE transition is needed to restart the device. During startup the short-
circuit protection is active.
8.1.7
Fast discharge
When ENABLE turns from high to low level and the FD pin is low, the device goes into
shutdown mode and LX1 and LX2 stop switching. Then, the discharge switch between VMID
and VIN and the switch between VO2 and GND turn on and discharge the positive output
voltage and negative output voltage. When the output voltages are discharged to 0 V, the
switches turn off and the outputs are high impedance. When the FD pin is high, the fast
discharge after shutdown is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com