Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD13ATPUR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STOD13ATPUR
Description  250 mA dual DC-DC converter for powering AMOLED displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13ATPUR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STOD13ATPUR Datasheet HTML 10Page - STMicroelectronics STOD13ATPUR Datasheet HTML 11Page - STMicroelectronics STOD13ATPUR Datasheet HTML 12Page - STMicroelectronics STOD13ATPUR Datasheet HTML 13Page - STMicroelectronics STOD13ATPUR Datasheet HTML 14Page - STMicroelectronics STOD13ATPUR Datasheet HTML 15Page - STMicroelectronics STOD13ATPUR Datasheet HTML 16Page - STMicroelectronics STOD13ATPUR Datasheet HTML 17Page - STMicroelectronics STOD13ATPUR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Detailed description
STOD13A
14/24
Doc ID 022599 Rev 1
6.2
Negative output voltage levels
The FD function is only controlled by the FD pin. It is not related to the enable block.
Table 7.
Negative output voltage levels
Pulse
VO2
Pulse
VO2
Pulse
VO2
Pulse
VO2
1
-6.4
11
-5.4
21
-4.4
31
-3.4
2
-6.3
12
-5.3
22
-4.3
32
-3.3
3
-6.2
13
-5.2
23
-4.2
33
-3.2
4
-6.1
14
-5.1
24
-4.1
34
-3.1
5
-6.0
15
-5.0
25
-4.0
35
-3.0
6-5.9
16 (1)
-4.9
26
-3.9
36
-2.9
7
-5.8
17
-4.8
27
-3.8
37
-2.8
8
-5.7
18
-4.7
28
-3.7
38
-2.7
9
-5.6
19
-4.6
29
-3.6
39
-2.6
10
-5.5
20
-4.5
30
-3.5
40
-2.5
41
-2.4
1.
Default value.
Table 8.
Enable and SWIRE operation table
(1)
Enable
SWIRE
Action
Low
Low
Device off
Low
High
Negative output set by SWIRE
High
Low
Default negative output voltage
High
High
Default negative output voltage
1.
The Enable pin must be set to AGND while using the SWIRE function.
Table 9.
Fast Discharge operation table
FD pin
Action
Low
Fast discharge active after IC shutdown
High
No fast discharge function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com