Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEF6894H Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 12Page - NXP Semiconductors TEF6894H Datasheet HTML 13Page - NXP Semiconductors TEF6894H Datasheet HTML 14Page - NXP Semiconductors TEF6894H Datasheet HTML 15Page - NXP Semiconductors TEF6894H Datasheet HTML 16Page - NXP Semiconductors TEF6894H Datasheet HTML 17Page - NXP Semiconductors TEF6894H Datasheet HTML 18Page - NXP Semiconductors TEF6894H Datasheet HTML 19Page - NXP Semiconductors TEF6894H Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
2003 Oct 21
16
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
CONTROL FUNCTIONS
Vstart(mute)
soft mute start voltage
see Fig.12; voltage at pin LEVEL
that causes
αmute = 3 dB;
MSL[1:0] = 11
MST[2:0] = 000
−
0.75
−
V
MST[2:0] = 001
−
0.88
−
V
MST[2:0] = 010
−
1
−
V
MST[2:0] = 011
−
1.12
−
V
MST[2:0] = 100
−
1.25
−
V
MST[2:0] = 101
−
1.5
−
V
MST[2:0] = 110
−
1.75
−
V
MST[2:0] = 111
−
2
−
V
Cmute
soft mute slope
see Fig.13; slope of soft mute
attenuation with respect to level
voltage; MST[2:0] = 000
MSL[1:0] = 00
−
8
−
dB/V
MSL[1:0] = 01
−
16
−
dB/V
MSL[1:0] = 10
−
24
−
dB/V
MSL[1:0] = 11
−
32
−
dB/V
α
mute(max)
maximum soft mute
attenuation by USN
see Fig.14; fMPXRDS = 150 kHz;
VMPXRDS = 0.6 V (RMS);
USS[1:0] = 11
UMD[1:0] = 00
−
3
−
dB
UMD[1:0] = 01
−
6
−
dB
UMD[1:0] = 10
−
9
−
dB
UMD[1:0] = 11
−
12
−
dB
Vstart(SNC)
SNC stereo blend start
voltage
see Fig.7; voltage at pin LEVEL that
causes channel separation = 10 dB;
SSL[1:0] = 10
SST[3:0] = 0000
−
1.5
−
V
:
−
:
−
V
SST[3:0] = 1000
−
2.0
−
V
:
−
:
−
V
SST[3:0] = 1111
−
2.45
−
V
CSNC
SNC slope
see Fig.8; slope of channel
separation between
30 dB and 10 dB with respect to
level voltage; SST[3:0] = 1010
SSL[1:0] = 00
−
38
−
dB/V
SSL[1:0] = 01
−
51
−
dB/V
SSL[1:0] = 10
−
63
−
dB/V
SSL[1:0] = 11
−
72
−
dB/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
C
mute
α
mute
∆
V
eq
∆
-----------------
=
C
SNC
α
cs
∆
V
eq
∆
-------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com