Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEF6894H Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 23Page - NXP Semiconductors TEF6894H Datasheet HTML 24Page - NXP Semiconductors TEF6894H Datasheet HTML 25Page - NXP Semiconductors TEF6894H Datasheet HTML 26Page - NXP Semiconductors TEF6894H Datasheet HTML 27Page - NXP Semiconductors TEF6894H Datasheet HTML 28Page - NXP Semiconductors TEF6894H Datasheet HTML 29Page - NXP Semiconductors TEF6894H Datasheet HTML 30Page - NXP Semiconductors TEF6894H Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
2003 Oct 21
27
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
Note
1. Data bytes 0, 1, 2 and 3 must not be used in the application. All bits in these bytes must be set to logic 0.
11.2.1
SUBADDRESS 2H; RDSCLK
Table 14 Format of data byte 2H with default setting
Table 15 Description of data byte 2H
11.2.2
SUBADDRESS 4H; CONTROL
Table 16 Format of data byte 4H with default setting
Table 17 Description of data byte 4H
01110
E
TREBLE
treble control
01111
F
BASS
bass control
10000
10
FADER
fader control
10001
11
BALANCE
balance control
10010
12
MIX
control of output mixer
10011
13
BEEP
beep generator settings
11111
1F
AUTOGATE
autogate control
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
−−
TST3
TST2
TST1
TST0
−−
−−
0000
−−
BIT
SYMBOL
DESCRIPTION
7 and 6
−
Not used. Set to logic 0.
5 to 2
TST[3:0]
Test. TST[3:0] = 0000: normal operation.
1 and 0
−
Not used. Set to logic 0.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
−
STBA
AFUM
AFUH
RMUT
−
LETF
ATTB
−
1000
−
00
BIT
SYMBOL
DESCRIPTION
7
−
Not used. Set to logic 0.
6
STBA
Standby mode audio processing. 0 = audio processing active; 1 = audio processing
in standby mode (audio inputs and outputs at DC).
5
AFUM
Enables AF update mute. 0 = AF update mute disabled; 1 = AF update mute enabled
(controlled by AFSAMP and AFHOLD input).
4
AFUH
AF update hold function. 0 = disable, the weak signal processing hold is controlled by
the AFHOLD input only; 1 = hold. This is equal to taking the AFHOLD input LOW. The
bit is reset to 0, when AFHOLD input is set to LOW (i.e. at AF update or preset change).
3
RMUT
Radio signal mute. 0 = no mute; 1 = mute with 1 ms ASI slope at start and stop.
SA4
SA3
SA2
SA1
SA0
HEX(1)
MNEMONIC
ADDRESSED DATA BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com