Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEF6894H Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 26Page - NXP Semiconductors TEF6894H Datasheet HTML 27Page - NXP Semiconductors TEF6894H Datasheet HTML 28Page - NXP Semiconductors TEF6894H Datasheet HTML 29Page - NXP Semiconductors TEF6894H Datasheet HTML 30Page - NXP Semiconductors TEF6894H Datasheet HTML 31Page - NXP Semiconductors TEF6894H Datasheet HTML 32Page - NXP Semiconductors TEF6894H Datasheet HTML 33Page - NXP Semiconductors TEF6894H Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
2003 Oct 21
30
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
handbook, halfpage
0
1.25
VMPXRDS(rms) (V)
Veq
(V)
5
0
1
2
3
4
0.25
0.5
0.75
1
MHC332
(1)
(2)
(3)
(4)
Fig.5
Equivalent level voltage Veq (USN and MPH
detector) as a function of MPX signal at
150 kHz.
(1) USS[1:0] = 11 =
−6 V/0.5 V.
(2) USS[1:0] = 10 =
−4 V/0.5 V.
(3) USS[1:0] = 01 =
−3 V/0.5 V.
(4) USS[1:0] = 00 =
−2 V/0.5 V.
handbook, halfpage
01
VLEVEL(p-p) (V)
Veq
(V)
5
0
1
2
3
4
0.2
0.4
0.6
0.8
MHC333
(1)
(2)
(3)
(4)
Fig.6
Equivalent level voltage Veq (WAM and
MPH detector) as a function of level input at
21 kHz.
(1) (1): WAS[1:0] = 11 =
−6 V/0.4 V.
(2) (1): WAS[1:0] = 10 =
−4 V/0.4 V.
(3) (1): WAS[1:0] = 01 =
−3 V/0.4 V.
(4) (1): WAS[1:0] = 00 =
−2 V/0.4 V.
11.2.5
SUBADDRESS 7H; SNC
Table 26 Format of data byte 7H with default setting
Table 27 Description of data byte 7H
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SST3
SST2
SST1
SST0
SSL1
SSL0
HCMP
HCSF
01110100
BIT
SYMBOL
DESCRIPTION
7 to 4
SST[3:0]
Start of the stereo blend SNC. See Table 28 and Fig.7.
3 and 2
SSL[1:0]
Slope of the stereo blend SNC. See Fig.8.
1
HCMP
High cut control source. 0 = control by the level (LEV) detector; 1 = control by the
multipath (MPH) detector.
0
HCSF
High cut control minimum bandwidth. 0 = 2 kHz; 1 = 3 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com