Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P627 Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB89P627
Description  8-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89P627 Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB89P627 Datasheet HTML 30Page - fujitsu semiconductor MB89P627 Datasheet HTML 31Page - fujitsu semiconductor MB89P627 Datasheet HTML 32Page - fujitsu semiconductor MB89P627 Datasheet HTML 33Page - fujitsu semiconductor MB89P627 Datasheet HTML 34Page - fujitsu semiconductor MB89P627 Datasheet HTML 35Page - fujitsu semiconductor MB89P627 Datasheet HTML 36Page - fujitsu semiconductor MB89P627 Datasheet HTML 37Page - fujitsu semiconductor MB89P627 Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
34
MB89620R Series
4. AC Characteristics
(1) Reset Timing
(VCC = +5.0 V
±10%, AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
Note: tXCYL is the oscillation cycle (1/FC) to input to the X0 pin.
(2) Power-on Reset
(AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
Note: Make sure that power supply rises within the selected oscillation stabilization time.
If power supply voltage needs to be varied in the course of operation, a smooth voltage rise is
recommended.
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Max.
RST “L” pulse width
tZLZH
—16 tXCYL
—ns
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Max.
Power supply rising time
tR
—
—
50
ms
Power-on reset function only
Power supply cut-off time
tOFF
1
—
ms
Due to repeated operations
0.2 VCC
0.2 VCC
RST
tZLZH
0.2 V
0.2 V
2.0 V
VCC
0.2 V
tR
tOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com