Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P627 Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB89P627
Description  8-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89P627 Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB89P627 Datasheet HTML 35Page - fujitsu semiconductor MB89P627 Datasheet HTML 36Page - fujitsu semiconductor MB89P627 Datasheet HTML 37Page - fujitsu semiconductor MB89P627 Datasheet HTML 38Page - fujitsu semiconductor MB89P627 Datasheet HTML 39Page - fujitsu semiconductor MB89P627 Datasheet HTML 40Page - fujitsu semiconductor MB89P627 Datasheet HTML 41Page - fujitsu semiconductor MB89P627 Datasheet HTML 42Page - fujitsu semiconductor MB89P627 Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
39
MB89620R Series
(8) Ready Input Timing
(VCC = +5.0 V
±10%, FC = 10 MHz, AVSS = VSS= 0.0 V, TA = –40
°C to +85°C)
*: These characteristics are also applicable to the read cycle.
Parameter
Symbol
Pin name
Condition
Value
Unit Remarks
Min.
Max.
RDY valid
→ CLK ↑ time
tYVCH
RDY, CLK
—
60
—
ns
*
CLK
↑ → RDY invalid time
tCHYX
0—
ns
*
CLK
ALE
AD
A
WR
RDY
Address
tYVCH tCHYX
tYVCH tCHYX
2.4 V
2.4 V
Note: The bus cycle is also extended in the read cycle in the same manner.
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com