Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5259 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F5259 Datasheet HTML 1Page - Texas Instruments MSP430F5259 Datasheet HTML 2Page - Texas Instruments MSP430F5259 Datasheet HTML 3Page - Texas Instruments MSP430F5259 Datasheet HTML 4Page - Texas Instruments MSP430F5259 Datasheet HTML 5Page - Texas Instruments MSP430F5259 Datasheet HTML 6Page - Texas Instruments MSP430F5259 Datasheet HTML 7Page - Texas Instruments MSP430F5259 Datasheet HTML 8Page - Texas Instruments MSP430F5259 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
•
Family Members are Summarized in Table 1
APPLICATIONS
•
For Complete Module Descriptions, See the
•
"Always On" System Controllers
MSP430x5xx and MSP430x6xx Family User's
•
Power-Management Hubs
Guide (SLAU208)
•
Bluetooth Controllers
•
For Design Guidelines, See Designing With
•
Analog and Digital Sensor Fusion Systems
MSP430F522x and MSP430F521x Devices
•
Data Loggers
(SLAA558)
•
General-Purpose Applications
DESCRIPTION
Using an "always on" ultralow-power system controller can significantly reduce power consumption on portable
devices like handsets and tablets. These controllers can act as sensor hubs and monitor user stimuli (for
example, reading inertial sensors or touch sensors) and vital system parameters like battery health and
temperature, while power-hungry application processors and touch screen controllers are turned off. The
microcontroller can then "wake up" the system based on a user input or on a fault condition that requires CPU
intervention.
The MSP430F525x series is the latest addition to the 1.8-V split-rail I/O portfolio (previously only available on
MSP430F522x) and is specifically designed for "always on" system controller applications. 1.8-V I/O allows for
seamless interface to application processors and other devices without the need for external level translation,
while the primary supply to the MCU can be on a higher voltage rail.
Compared to the MSP430F522x, the MSP430F525x provides up to four times more RAM (32KB) and double the
serial interfaces (four USCI_A and four USCI_B). The MSP430F525x also features four 16-bit timers, a high-
performance 10-bit analog-to-digital converter (ADC), a hardware multiplier, DMA, a comparator, and a real-time
clock module with alarm capabilities. The MSP430F525x consumes 290 µA/MHz (typical) in active mode running
from flash memory, and it consumes 1.6 µA (typical) in standby mode (LPM3). The MSP430F525x can switch to
active mode in 3.5 µs (typical), which makes it a great fit for always-on low-power applications.
Key benefits of the MSP430F525x are as follows:
•
Up to 32KB RAM allows complex sensor hub algorithms and high levels of aggregation such as keyboard
control and power management.
•
Four USCI_A and four USCI_B allow for eight concurrent dedicated hardware serial interfaces (for example,
four I2C and four SPI) for fast and robust communication to sensors or peripheral devices.
•
Up to 35 I/Os that can be used in the 1.8-V voltage rail.
Typical applications include analog and digital sensor fusion systems, data loggers, and various general-purpose
applications.
Table 1 summarizes the available family members.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com