Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5259 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 6Page - Texas Instruments MSP430F5259 Datasheet HTML 7Page - Texas Instruments MSP430F5259 Datasheet HTML 8Page - Texas Instruments MSP430F5259 Datasheet HTML 9Page - Texas Instruments MSP430F5259 Datasheet HTML 10Page - Texas Instruments MSP430F5259 Datasheet HTML 11Page - Texas Instruments MSP430F5259 Datasheet HTML 12Page - Texas Instruments MSP430F5259 Datasheet HTML 13Page - Texas Instruments MSP430F5259 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
Table 3. Terminal Functions (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
RGC
ZQE
YFF
General-purpose digital I/O
Clock signal input – USCI_B0 SPI slave mode
P3.2/UCB0CLK/UCA0STE(5)
36
G8
G6
I/O
Clock signal output – USCI_B0 SPI master mode
Slave transmit enable – USCI_A0 SPI mode
General-purpose digital I/O
P3.3/UCA0TXD/UCA0SIMO (5)
37
G9
H7
I/O
Transmit data – USCI_A0 UART mode
Slave in, master out – USCI_A0 SPI mode
General-purpose digital I/O
P3.4/UCA0RXD/UCA0SOMI(5)
38
G7
G5
I/O
Receive data – USCI_A0 UART mode
Slave out, master in – USCI_A0 SPI mode
DVSS
39
F9
H6
Digital ground supply
DVIO(6)
40
E9
H5
Digital I/O power supply
General-purpose digital I/O with reconfigurable port mapping secondary
function
P4.0/PM_UCB1STE/
41
E8
F5
I/O
Default mapping: Slave transmit enable – USCI_B1 SPI mode
PM_UCA1CLK(5)
Default mapping: Clock signal input – USCI_A1 SPI slave mode
Default mapping: Clock signal output – USCI_A1 SPI master mode
General-purpose digital I/O with reconfigurable port mapping secondary
function
P4.1/PM_UCB1SIMO/
42
E7
H4
I/O
PM_UCB1SDA(5)
Default mapping: Slave in, master out – USCI_B1 SPI mode
Default mapping: I2C data – USCI_B1 I2C mode
General-purpose digital I/O with reconfigurable port mapping secondary
function
P4.2/PM_UCB1SOMI/
43
D9
E5
I/O
PM_UCB1SCL(7)
Default mapping: Slave out, master in – USCI_B1 SPI mode
Default mapping: I2C clock – USCI_B1 I2C mode
General-purpose digital I/O with reconfigurable port mapping secondary
function
P4.3/PM_UCB1CLK/
44
D8
G4
I/O
Default mapping: Clock signal input – USCI_B1 SPI slave mode
PM_UCA1STE(7)
Default mapping: Clock signal output – USCI_B1 SPI master mode
Default mapping: Slave transmit enable – USCI_A1 SPI mode
General-purpose digital I/O with reconfigurable port mapping secondary
function
P4.4/PM_UCA1TXD/
45
D7
H3
I/O
PM_UCA1SIMO(7)
Default mapping: Transmit data – USCI_A1 UART mode
Default mapping: Slave in, master out – USCI_A1 SPI mode
General-purpose digital I/O with reconfigurable port mapping secondary
function
P4.5/PM_UCA1RXD/
46
C9
F4
I/O
PM_UCA1SOMI(7)
Default mapping: Receive data – USCI_A1 UART mode
Default mapping: Slave out, master in – USCI_A1 SPI mode
General-purpose digital I/O with reconfigurable port mapping secondary
function
P4.6/PM_UCA3TXD/
47
C8
H2
I/O
PM_UCA3SIMO(7)
Default mapping: Transmit data – USCI_A3 UART mode
Default mapping: Slave in, master out – USCI_A3 SPI mode
General-purpose digital I/O with reconfigurable port mapping secondary
function
P4.7/PM_UCA3RXD/
48
C7
G3
I/O
PM_UCA3SOMI(7)
Default mapping: Receive data – USCI_A3 UART mode
Default mapping: Slave out, master in – USCI_A3 SPI mode
(6)
The voltage on DVIO is not supervised or monitored.
(7)
This pin function is supplied by DVIO. See Electrical Characteristics for input and output requirements.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com