Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5259 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 7Page - Texas Instruments MSP430F5259 Datasheet HTML 8Page - Texas Instruments MSP430F5259 Datasheet HTML 9Page - Texas Instruments MSP430F5259 Datasheet HTML 10Page - Texas Instruments MSP430F5259 Datasheet HTML 11Page - Texas Instruments MSP430F5259 Datasheet HTML 12Page - Texas Instruments MSP430F5259 Datasheet HTML 13Page - Texas Instruments MSP430F5259 Datasheet HTML 14Page - Texas Instruments MSP430F5259 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903A – MAY 2013 – REVISED JULY 2013
Table 3. Terminal Functions (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
RGC
ZQE
YFF
General-purpose digital I/O
B8,
P7.0/UCA2TXD/UCA2SIMO (7)
49
H1
I/O
Transmit data – USCI_A2 UART mode
B9
Slave in, master out – USCI_A2 SPI mode
General-purpose digital I/O
P7.1/UCA2RXD/UCA2SOMI(7)
50
A9
G2
I/O
Receive data – USCI_A2 UART mode
Slave out, master in – USCI_A2 SPI mode
General-purpose digital I/O
Clock signal input – USCI_B2 SPI slave mode
P7.2/UCB2CLK/UCA2STE(7)
51
B7
F3
I/O
Clock signal output – USCI_B2 SPI master mode
Slave transmit enable – USCI_A2 SPI mode
General-purpose digital I/O
P7.3/UCB2SIMO/UCB2SDA (7)
52
A8
G1
I/O
Slave in, master out – USCI_B2 SPI mode
I2C data – USCI_B2 I2C mode
General-purpose digital I/O
P7.4/UCB2SOMI/UCB2SCL(7)
53
A7
F2
I/O
Slave out, master in – USCI_B2 SPI mode
I2C clock – USCI_B2 I2C mode
General-purpose digital I/O
Slave transmit enable – USCI_B2 SPI mode
P7.5/UCB2STE/UCA2CLK(8)
54
A6
F1
I/O
Clock signal input – USCI_A2 SPI slave mode
Clock signal output – USCI_A2 SPI master mode
BSLEN(8)
55
B6
E2
I
BSL enable with internal pulldown
Reset input active low(9)(10)
RST/NMI(8)
56
A5
E3
I
Non-maskable interrupt input(9)
General-purpose digital I/O
P5.2/XT2IN
57
B5
E1
I/O
Input terminal for crystal oscillator XT2(11)
General-purpose digital I/O
P5.3/XT2OUT
58
B4
D1
I/O
Output terminal of crystal oscillator XT2
Test mode pin – Selects four wire JTAG operation
TEST/SBWTCK(12)
59
A4
E4
I
Spy-Bi-Wire input clock when Spy-Bi-Wire operation activated
General-purpose digital I/O
PJ.0/TDO(13)
60
C5
D2
I/O
JTAG test data output port
General-purpose digital I/O
PJ.1/TDI/TCLK(13)
61
C4
C1
I/O
JTAG test data input or test clock input
General-purpose digital I/O
PJ.2/TMS(13)
62
A3
D3
I/O
JTAG test mode select
General-purpose digital I/O
PJ.3/TCK(13)
63
B3
B1
I/O
JTAG test clock
(8)
This pin function is supplied by DVIO. See Electrical Characteristics for input and output requirements.
(9)
This pin is configurable as reset or NMI and resides on the DVIO supply domain. When driven from external, the input swing levels from
DVSS to DVIO are required.
(10) When this pin is configured as reset, the internal pullup resistor is enabled by default.
(11) When in crystal bypass mode, XT2IN can be configured so that it can support an input digital waveform with swing levels from DVSS to
DVCC or DVSS to DVIO. In this case, it is required that the pin be configured properly for the intended input swing.
(12) See Bootstrap Loader - I2C andJTAG Operation for use with BSL and JTAG functions.
(13) See JTAG Operation for use with JTAG function.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com