| Electronic Components Datasheet Search |
|
MB90583CAPFV Datasheet(PDF) 56 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90583CAPFV Datasheet(HTML) 56 Page - fujitsu semiconductor |
|
56 / 124 page ![]() MB90580C Series 56 10. DTP/External Interrupts The DTP (Data Transfer Peripheral) is a peripheral block that interfaces external peripherals to the F2MC-16LX CPU. The DTP receives DMA and interrupt processing requests from external peripherals and passes the requests to the F2MC-16LX CPU to activate the intelligent I/O service or interrupt processing. Two request levels (“H” and “L”) are provided for the intelligent I/O service. For external interrupt requests, generation of interrupts on a rising or falling edge as well as on “H” and “L” levels can be selected, giving a total of four types. (1) Register configuration (2) Block Diagram • Interrupt/DTP enable register bit 7 6543210 Address : 0000030H EN7 EN6 EN5 EN4 EN3 EN2 EN1 EN0 ENIR Access (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) Initial value (0) (0) (0) (0) (0) (0) (0) (0) • Interrupt/DTP source register bit 151413121110 9 8 Address : 0000031H ER7 ER6 ER5 ER4 ER3 ER2 ER1 ER0 EIRR Access (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) Initial value (X) (X) (X) (X) (X) (X) (X) (X) • Request level setting register (lower) bit 7 6543210 Address : 0000032H LB3 LA3 LB2 LA2 LB1 LA1 LB0 LA0 ELVR lower Access (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) Initial value (0) (0) (0) (0) (0) (0) (0) (0) • Request level setting register (upper) bit 151413121110 9 8 Address : 0000033H LB7 LA7 LB6 LA6 LB5 LA5 LB4 LA4 ELVR upper Access (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) Initial value (0) (0) (0) (0) (0) (0) (0) (0) 8 8 8 8 8 Interrupt/DTP enable register Interrupt/DTP source register Request level setting register Gate Source F/F Edge detect circuit Request input F2MC-16LX bus |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |