Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90583CAPFV Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB90583CAPFV
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPFV Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB90583CAPFV Datasheet HTML 9Page - fujitsu semiconductor MB90583CAPFV Datasheet HTML 10Page - fujitsu semiconductor MB90583CAPFV Datasheet HTML 11Page - fujitsu semiconductor MB90583CAPFV Datasheet HTML 12Page - fujitsu semiconductor MB90583CAPFV Datasheet HTML 13Page - fujitsu semiconductor MB90583CAPFV Datasheet HTML 14Page - fujitsu semiconductor MB90583CAPFV Datasheet HTML 15Page - fujitsu semiconductor MB90583CAPFV Datasheet HTML 16Page - fujitsu semiconductor MB90583CAPFV Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
MB90580C Series
13
*1: FPT-100P-M06
*2: FPT-100P-M05
(Continued)
Pin no.
Pin name Circuit type
Function
QFP*1
LQFP*2
48
46
P81
F
(CMOS/H)
General-purpose I/O port.
IRQ1
Functions as external interrupt request input 1 pin (IRQ1).
53
51
P82
F
(CMOS/H)
General-purpose I/O port.
IRQ2
Functions as external interrupt request input 2 pin (IRQ2).
54
52
P83
F
(CMOS/H)
General-purpose I/O port.
IRQ3
Functions as external interrupt request input 3 pin (IRQ3).
55
53
P84
F
(CMOS/H)
General-purpose I/O port.
IRQ4
Functions as external interrupt request input 4 pin (IRQ4).
56
54
P85
F
(CMOS/H)
General-purpose I/O port.
IRQ5
Functions as external interrupt request input 5 pin (IRQ5).
57
55
P86
F
(CMOS/H)
General-purpose I/O port.
IRQ6
Functions as external interrupt request input 6 pin (IRQ6).
58
56
P87
F
(CMOS/H)
General-purpose I/O port.
IRQ7
Functions as external interrupt request input 7 pin (IRQ7).
59
57
P60
D
(CMOS/H)
General-purpose I/O port.
A pull-up resistor can be assigned (RD60=“1”) by the pull-up resistor
setting register (RDR6). [This pin is disabled with the output setting
(DDR6 register: D60=“1”).]
SIN2
UART2 serial data input pin (SIN2).
When UART2 is operating for input, this input is used as required
and thus the output from any other function to the pin must be off
unless used intentionally.
60
58
P61
D
(CMOS/H)
General-purpose I/O port.
A pull-up resistor can be assigned (RD61=“1”) by the pull-up resistor
setting register (RDR6). [This pin is disabled with the output setting
(DDR6 register: D61=“1”).]
SOT2
UART2 serial data output pin (SOT2).
This pin is enabled with the UART2 serial data output enabled.
61
59
P62
D
(CMOS/H)
General-purpose I/O port.
A pull-up resistor can be assigned (RD62=“1”) by the pull-up resistor
setting register (RDR6). [This pin is disabled with the output setting
(DDR6 register: D62=“1”).]
SCK2
UART2 serial clock I/O pin (SCK2).
This pin is enabled with the UART2 clock output enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com