Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3232CBZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL3232CBZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3232CBZ Datasheet(HTML) 3 Page - Intersil Corporation

  ICL3232CBZ Datasheet HTML 1Page - Intersil Corporation ICL3232CBZ Datasheet HTML 2Page - Intersil Corporation ICL3232CBZ Datasheet HTML 3Page - Intersil Corporation ICL3232CBZ Datasheet HTML 4Page - Intersil Corporation ICL3232CBZ Datasheet HTML 5Page - Intersil Corporation ICL3232CBZ Datasheet HTML 6Page - Intersil Corporation ICL3232CBZ Datasheet HTML 7Page - Intersil Corporation ICL3232CBZ Datasheet HTML 8Page - Intersil Corporation ICL3232CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
FN4805.21
March 1, 2006
ICL3232CVZ (Note 2)
3232CVZ
0 to 70
16 Ld TSSOP (Pb-free)
M16.173
ICL3232IA
ICL3232IA
-40 to 85
16 Ld SSOP
M16.209
ICL3232IAZ (Note 2)
3232IAZ
-40 to 85
16 Ld SSOP (Pb-free)
M16.209
ICL3232IB
ICL3232IB
-40 to 85
16 Ld SOIC
M16.3
ICL3232IBZ (Note 2)
3232IBZ
-40 to 85
16 Ld SOIC (Pb-free)
M16.3
ICL3232IBN
3232IBN
-40 to 85
16 Ld SOIC (N)
M16.15
ICL3232IBNZ (Note 2)
3232IBNZ
-40 to 85
16 Ld SOIC (N) (Pb-free)
M16.15
ICL3232IV
ICL3232IV
-40 to 85
16 Ld TSSOP
M16.173
ICL3232IVZ (Note 2)
3232IVZ
-40 to 85
16 Ld TSSOP (Pb-free)
M16.173
ICL3241CA
ICL3241CA
0 to 70
28 Ld SSOP
M28.209
ICL3241CAZ (Note 2)
ICL3241CAZ
0 to 70
28 Ld SSOP (Pb-free)
M28.209
ICL3241CB
ICL3241CB
0 to 70
28 Ld SOIC
M28.3
ICL3241CBZ (Note 2)
ICL3241CBZ
0 to 70
28 Ld SOIC (Pb-free)
M28.3
ICL3241CV
ICL3241CV
0 to 70
28 Ld TSSOP
M28.173
ICL3241CVZ (Note 2)
ICL3241CVZ
0 to 70
28 Ld TSSOP (Pb-free)
M28.173
ICL3241IA
ICL3241IA
-40 to 85
28 Ld SSOP
M28.209
ICL3241IAZ (Note 2)
ICL3241IAZ
-40 to 85
28 Ld SSOP (Pb-free)
M28.209
ICL3241IB
ICL3241IB
-40 to 85
28 Ld SOIC
M28.3
ICL3241IBZ (Note 2)
ICL3241IBZ
-40 to 85
28 Ld SOIC (Pb-free)
M28.3
ICL3241IV
ICL3241IV
-40 to 85
28 Ld TSSOP
M28.173
ICL3241IVZ (Note 2)
ICL3241IVZ
-40 to 85
28 Ld TSSOP (Pb-free)
M28.173
ICL3243CA
ICL3243CA
0 to 70
28 Ld SSOP
M28.209
ICL3243CAZ (Note 2)
ICL3243CAZ
0 to 70
28 Ld SSOP (Pb-free)
M28.209
ICL3243CB
ICL3243CB
0 to 70
28 Ld SOIC
M28.3
ICL3243CBZ (Note 2)
ICL3243CBZ
0 to 70
28 Ld SOIC (Pb-free)
M28.3
ICL3243CV
ICL3243CV
0 to 70
28 Ld TSSOP
M28.173
ICL3243CVZ (Note 2)
ICL3243CVZ
0 to 70
28 Ld TSSOP (Pb-free)
M28.173
ICL3243IA
ICL3243IA
-40 to 85
28 Ld SSOP
M28.209
ICL3243IAZ (Note 2)
ICL3243IAZ
-40 to 85
28 Ld SSOP (Pb-free)
M28.209
*Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTES:
1. Most surface mount devices are available on tape and reel; add “-T” to suffix.
2. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER (NOTE 1)
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com