Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3232CBZ Datasheet(PDF) 15 Page - Intersil Corporation

Part # ICL3232CBZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3232CBZ Datasheet(HTML) 15 Page - Intersil Corporation

Back Button ICL3232CBZ Datasheet HTML 11Page - Intersil Corporation ICL3232CBZ Datasheet HTML 12Page - Intersil Corporation ICL3232CBZ Datasheet HTML 13Page - Intersil Corporation ICL3232CBZ Datasheet HTML 14Page - Intersil Corporation ICL3232CBZ Datasheet HTML 15Page - Intersil Corporation ICL3232CBZ Datasheet HTML 16Page - Intersil Corporation ICL3232CBZ Datasheet HTML 17Page - Intersil Corporation ICL3232CBZ Datasheet HTML 18Page - Intersil Corporation ICL3232CBZ Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
FN4805.21
March 1, 2006
Interconnection with 3V and 5V Logic
The ICL32XX directly interface with 5V CMOS and TTL logic
families. Nevertheless, with the ICL32XX at 3.3V, and the
logic supply at 5V, AC, HC, and CD4000 outputs can drive
ICL32XX inputs, but ICL32XX outputs do not reach the
minimum VIH for these logic families. See Table 4 for more
information.
TABLE 4. LOGIC FAMILY COMPATIBILITY WITH VARIOUS
SUPPLY VOLTAGES
SYSTEM
POWER-SUPPLY
VOLTAGE
(V)
VCC
SUPPLY
VOLTAGE
(V)
COMPATIBILITY
3.3
3.3
Compatible with all CMOS
families.
5
5
Compatible with all TTL and
CMOS logic families.
5
3.3
Compatible with ACT and HCT
CMOS, and with TTL. ICL32XX
outputs are incompatible with AC,
HC, and CD4000 CMOS inputs.
Typical Performance Curves VCC = 3.3V, TA = 25°C
FIGURE 13. TRANSMITTER OUTPUT VOLTAGE vs LOAD
CAPACITANCE
FIGURE 14. SLEW RATE vs LOAD CAPACITANCE
FIGURE 15. SUPPLY CURRENT vs LOAD CAPACITANCE
WHEN TRANSMITTING DATA
FIGURE 16. SUPPLY CURRENT vs LOAD CAPACITANCE
WHEN TRANSMITTING DATA
-6
-4
-2
0
2
4
6
1000
2000
3000
4000
5000
0
LOAD CAPACITANCE (pF)
1 TRANSMITTER AT 250kbps
VOUT+
VOUT -
1 OR 2 TRANSMITTERS AT 30kbps
LOAD CAPACITANCE (pF)
0
1000
2000
3000
4000
5000
5
10
15
20
25
+SLEW
-SLEW
0
5
10
15
20
25
30
45
35
40
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE (pF)
20kbps
250kbps
120kbps
ICL3221
0
5
10
15
20
25
30
45
35
40
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE (pF)
20kbps
250kbps
120kbps
ICL3222 - ICL3232
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com