Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3232CBZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # ICL3232CBZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3232CBZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ICL3232CBZ Datasheet HTML 8Page - Intersil Corporation ICL3232CBZ Datasheet HTML 9Page - Intersil Corporation ICL3232CBZ Datasheet HTML 10Page - Intersil Corporation ICL3232CBZ Datasheet HTML 11Page - Intersil Corporation ICL3232CBZ Datasheet HTML 12Page - Intersil Corporation ICL3232CBZ Datasheet HTML 13Page - Intersil Corporation ICL3232CBZ Datasheet HTML 14Page - Intersil Corporation ICL3232CBZ Datasheet HTML 15Page - Intersil Corporation ICL3232CBZ Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
FN4805.21
March 1, 2006
The INVALID output always indicates whether or not a valid
RS-232 signal is present at any of the receiver inputs (See
Table 2), giving the user an easy way to determine when the
interface block should power down. In the case of a
disconnected interface cable where all the receiver inputs
are floating (but pulled to GND by the internal receiver pull
down resistors), the INVALID logic detects the invalid levels
and drives the output low. The power management logic
then uses this indicator to power down the interface block.
Reconnecting the cable restores valid levels at the receiver
inputs, INVALID switches high, and the power management
logic wakes up the interface block. INVALID can also be
used to indicate the DTR or RING INDICATOR signal, as
long as the other receiver inputs are floating, or driven to
GND (as in the case of a powered down driver). Connecting
FORCEOFF and FORCEON together disables the
automatic powerdown feature, enabling them to function as
a manual SHUTDOWN input (See Figure 4).
With any of the above control schemes, the time required to
exit powerdown, and resume transmission is only 100
µs. A
mouse, or other application, may need more time to wake up
from shutdown. If automatic powerdown is being utilized, the
RS-232 device will reenter powerdown if valid receiver levels
aren’t reestablished within 30
µs of the ICL32XX powering
up. Figure 5 illustrates a circuit that keeps the ICL32XX from
initiating automatic powerdown for 100ms after powering up.
This gives the slow-to-wake peripheral circuit time to
reestablish valid RS-232 output levels.
Automatic Powerdown (ICL3221/23/43 Only)
Even greater power savings is available by using the
devices which feature an automatic powerdown function.
When no valid RS-232 voltages (See Figure 6) are sensed
on any receiver input for 30
µs, the charge pump and
transmitters powerdown, thereby reducing supply current to
1
µA. Invalid receiver levels occur whenever the driving
peripheral’s outputs are shut off (powered down) or when the
RS-232 interface cable is disconnected. The ICL32XX
powers back up whenever it detects a valid RS-232 voltage
level on any receiver input. This automatic powerdown
feature provides additional system power savings without
changes to the existing operating system.
FIGURE 2. POWER DRAIN THROUGH POWERED DOWN
PERIPHERAL
OLD
VCC
POWERED
GND
SHDN = GND
VCC
Rx
Tx
VCC
CURRENT
VOUT = VCC
FLOW
RS-232 CHIP
DOWN
UART
FIGURE 3. DISABLED RECEIVERS PREVENT POWER DRAIN
ICL324X
TRANSITION
RX
TX
R2OUTB
R2OUT
T1IN
FORCEOFF = GND
VCC
VCC
TO
R2IN
T1OUT
VOUT = HI-Z
POWERED
OR SHDN = GND, EN = VCC
DETECTOR
DOWN
UART
WAKE-UP
LOGIC
FIGURE 4. CONNECTIONS FOR MANUAL POWERDOWN
WHEN NO VALID RECEIVER SIGNALS ARE
PRESENT
PWR
FORCEOFF
INVALID
CPU
I/O
FORCEON
ICL3221/23/43
MGT
LOGIC
UART
FIGURE 5. CIRCUIT TO PREVENT AUTO POWERDOWN FOR
100ms AFTER FORCED POWERUP
ICL3221/23/43
FORCEOFF
FORCEON
POWER
MASTER POWERDOWN LINE
1M
Ω
0.1
µF
MANAGEMENT
UNIT
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com