Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB16R-2295SW Datasheet(PDF) 3 Page - Amphenol Corporation

Part # MB16R-2295SW
Description  MIL-C-26482, Series 2 Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MB16R-2295SW Datasheet(HTML) 3 Page - Amphenol Corporation

  MB16R-2295SW Datasheet HTML 1Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 2Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 3Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 4Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 5Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 6Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 7Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 8Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2
MS3470
wall mounting receptacle
with narrow flange
MS3472
wall mounting receptacle
with wide flange
MS3471
cable connecting receptacle
MS3474
jam nut receptacle
MS3476
straight plug
MS3475
plug with RFI grounding
fingers
Amphenol broadens their Miniature Cylindrical Family of
Connectors with the addition of the Matrix® Product line
of MIL-C-26482, Series 2 connectors.
This series provides a bayonet coupling connector with crimp
rear insertable, rear releasable contacts.
DESIGN CHARACTERISTICS
• Medium size, environmentally resistant connector
• Recommended operating voltage to 1,000 VAC (RMS)
at sea level
• Quick positive coupling assured by 3 point bayonet
coupling system
• Visual confirmation of complete coupling
• Eliminates mismating by the use of five key/keyway design
• Insertion and removal of contacts from the rear of the con-
nector assures no damage to the front that might affect the
sealing characteristics
• Utilizes same standard qualified rear-release type plastic
tool for contact insertion and removal
• Contacts are qualified to MIL-C-39029 requirements – BIN
coded (three color bands), and are crimped with standard
crimp tools per MIL-C-22520
• Grommets are constructed of tear-resistant elastomer and
experience no degradation when exposed to a broad
range of fluids
• Sealing over a range of wire diameters is assured by a tri-
ple webbed grommet at the rear of the connector
• Closed entry socket side of the insert is designed with a
lead-in chamfer and a hard face that will accept a pin con-
tact bent within pre-established limits
• Elastomer interfacial seal on the pin side has raised barri-
ers around each pin which displace into the socket cham-
fer when mated, providing a positive moisture seal
CUSTOMER OPTIONS
• Shell styles within this family include:
Wall mount with either a narrow or a wide flange, jam nut
single hole mount, and cable connecting receptacles,
along with standard plugs or plugs with RFI grounding fin-
gers, in shell sizes 8 to 24
• MS and Proprietary versions available
• Accommodation of contact sizes 20, 16 and 12
• 34 insert arrangement patterns available, accommodating
from a minimum of 3 to a maximum of 55 circuits
• Alternate positioning available
• Various finishes are available (for information on non-cad-
mium zinc alloy plating, consult Amphenol, Sidney, NY)
Amphenol /Matrix Miniature Cylindrical
MIL-C-26482, Series 2 Connectors
®
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com