Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB16R-2295SW Datasheet(PDF) 7 Page - Amphenol Corporation

Part # MB16R-2295SW
Description  MIL-C-26482, Series 2 Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MB16R-2295SW Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button MB16R-2295SW Datasheet HTML 3Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 4Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 5Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 6Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 7Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 8Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 9Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 10Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
6
A Max. Typ.
Master
Keyway
B Dia.
Blue Color
Bands
C
Dia.
H Accessory Thread
.190
.130
Grommet Extension
D Dia. Max
Grommet
1.405 Max.
Shell 8 Thru 18
1.465 Max.
Shell 20, 22, &24
E
F
.290 Min.
Full Thread
3 Teeth Equally
Spaced 120 Apart
˚
Receptacle Shell, Cable Connecting,
Bayonet Coupling
Military No. MS3471
Amphenol/Matrix No. MB13
To complete order number see how to order, page 14.
Shell
Size
A
Max.
B Dia.
±.020
C Dia.
±.003
D Dia.
Max.
E
F
±.016
H Thread
Class 2A
8
.828
.938
.471
.305
.462/.431
.062
.5000-20 UNF
10
.954
1.062
.588
.405
.462/.431
.062
.6250-24 UNEF
12
1.047
1.156
.748
.531
.462/.431
.062
.7500-20 UNEF
14
1.141
1.250
.873
.665
.462/.431
.062
.8750-20 UNEF
16
1.234
1.344
.998
.790
.462/.431
.062
1.0000-20 UNEF
18
1.328
1.438
1.123
.869
.462/.431
.062
1.0625-18 UNEF
20
1.453
1.562
1.248
.994
.587/.556
.094
1.1875-18 UNEF
22
1.578
1.688
1.373
1.119
.587/.556
.094
1.3125-18 UNEF
24
1.703
1.812
1.498
1.244
.620/.589
.094
1.4375-18 UNEF
Miniature Cylindrical MIL-C-26482, Series 2
MS3471
cable connecting receptacle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com