Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB16R-2295SW Datasheet(PDF) 6 Page - Amphenol Corporation

Part # MB16R-2295SW
Description  MIL-C-26482, Series 2 Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MB16R-2295SW Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button MB16R-2295SW Datasheet HTML 2Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 3Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 4Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 5Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 6Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 7Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 8Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 9Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
5
C Dia.
1.405 Max.
Shell 8 Thru 18
1.465 Max.
Shell 20, 22, & 24
3 Teeth Equally Spaced
120 Apart
H Accessory Thread
D Dia. Max.
Grommet
EF
.290 Min. Full Thread
.190
.130
Grommet Extension
Blue Color
Bands
˚
A Max. Typ.
B Typ.
Master Keyway
.150 Dia. Mounting
Holes Typ. 4-Places
Receptacle Shell, Wall Mount with Wide Flange,
Bayonet Coupling
Military No. MS3472
Amphenol/Matrix No. MB11
To complete order number see how to order, page 14.
Shell
Size
A
Max.
B
±.005
C Dia.
±.003
D Dia.
Max.
E
F
±.016
H Thread
Class 2A
8
1.065
.734
.471
.305
.493/.462
.062
.5000-20 UNF
10
1.141
.812
.588
.405
.493/.462
.062
.6250-24 UNEF
12
1.266
.938
.748
.531
.493/.462
.062
.7500-20 UNEF
14
1.360
1.031
.873
.665
.493/.462
.062
.8750-20 UNEF
16
1.453
1.125
.998
.790
.493/.462
.062
1.0000-20 UNEF
18
1.532
1.203
1.123
.869
.493/.462
.062
1.0625-18 UNEF
20
1.688
1.297
1.248
.994
.587/.556
.094
1.1875-18 UNEF
22
1.766
1.375
1.373
1.119
.587/.556
.094
1.3125-18 UNEF
24
1.891
1.500
1.498
1.244
.620/.589
.094
1.4375-18 UNEF
Miniature Cylindrical MIL-C-26482, Series 2
MS3472
wall mounting receptacle with wide flange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com