| Electronic Components Datasheet Search |
|
DPO4EMBD Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DPO4EMBD Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
|
11 / 16 page ![]() Serial Triggering and Analysis Application Modules — AERO • AUDIO • AUTO • AUTOMAX • COMP • EMBD • FLEX MIL-STD-1553 Characteristics Bus Setup Options Characteristic Description Source Analog channels 1-4 Reference waveforms 1-4 Math waveform Thresholds High and Low threshold per source Recommended Probing Differential or Single Ended (only one single-ended signal required) Decode Configuration Polarity Normal or Inverted Bit rate 1 Mb/s per the standard Formats Available Mixed1: Hex (data), Decimal (addresses and count), Binary (bits) Mixed2: ASCII (data), Decimal (addresses and count), Binary (bits) Block Hex Hex and Binary Binary Display Modes Bus Bus only Bus and Waveforms Simultaneous display of bus and digital waveforms Event Table Decoded packet data in a tabular view Bus Trigger and Search Options Characteristic Description Trigger and/or Search On Sync Word Type*2 (Command, Status, Data) Command Word*2 (set RT Address (=, ≠,<,>, ≤, ≥,inside range, outside range), T/R, Sub-address/Mode, Data Word Count/Mode Code, and Parity individually) Status Word*2 (set RT Address (=, ≠,<, >, ≤, ≥,inside range, outside range), Message Error, Instrumentation, Service Request Bit, Broadcast Command Received, Busy, Subsystem Flag, Dynamic Bus Control Acceptance (DBCA), Terminal Flag, and Parity individually) Data Word (user-specified 16-bit data value) Error (Sync, Parity, Manchester, Non-contiguous data) Idle Time (minimum time selectable from 4 µs to 100 µs; maximum time selectable from 12 µs to 100 µs; trigger on < minimum, > maximum, inside range, outside range) Bus Decode Characteristic Description Maximum Clock/Data Rate Up to 1 Mb/s (for automated decoding of bus) Decode Display Start (green bracket) Sync*3 (purple box) with Word Type identified Address (yellow box) R/T (purple box) Word Count (purple box) Status Bits (purple box) Data (cyan box) Parity (purple box) Stop (red bracket) Errors (red box) *2 Trigger selection of Command Word will trigger on Command and ambiguous Command/Status words. Trigger selection of Status Word will trigger on Status and ambiguous Command/Status words. *3 Ambiguous Command and Status words will be labeled with C/S and a generic bit decode will be displayed. MIL-1553 bus setup, showing threshold setup for MIL-1553 bus. Triggering on a specific data value on the MIL-1553 bus. Event table for MIL-1553 bus with all captured packets time stamped and in a tabular view. www.tektronix.com 11 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |