Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO4EMBD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DPO4EMBD
Description  Serial Triggering and Analysis ApplicationModules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO4EMBD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DPO4EMBD Datasheet HTML 2Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 3Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 4Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 5Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 6Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 7Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 8Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 9Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
RS-232/UART/RS-422/RS-485 Characteristics
Bus Setup Options
Characteristic
Description
RS-232/UART
Sources (Transmit
and Receive)
Analog channels 1-4
Digital channels D0-D15 (MSO models only)
RS-422/RS-485
Sources (Transmit
and Receive)
Analog channels 1-4
Thresholds
Per-channel thresholds
Recommended Probing
RS-232/UART
Single Ended
RS-422/RS-485
Differential
Polarity
Normal (RS-232)
Inverted (UART, RS-422/RS-485)
Decode Configuration
Bit rate
Pre-defined list
of rates
50 b/s - 2.8 Mb/s
Custom
50 b/s - 10 Mb/s
Data bits
7, 8, or 9
Parity
None,Odd,or Even
Packets
On or Off
End of packet
00h (NUL)
0Ah (LF)
0Dh (CR)
20h (SP)
FFh
Formats Available
Hex
Binary
ASCII
Display Modes
Bus
Bus only
Bus and
Waveforms
Simultaneous display of bus and digital waveforms
Event Table
Decoded packet data in a tabular view
Bus Trigger and Search Options
Characteristic
Description
Trigger and/or
Search On
Tx Start Bit
Rx Start Bit
Tx End of Packet
Rx End of Packet
Tx Data (number of bytes 1-10)
Rx Data (number of bytes 1-10)
Tx Parity Error
Rx Parity Error
Bus Decode
Characteristic
Description
Maximum Bit Rate
Up to 10 Mb/s (for automated decoding of bus)
Decode Display
Data (cyan box)
Errors (red box)
-Parity
-Framing
RS-232 bus setup, showing bit rate options for RS-232 bus.
Triggering on a specific Tx data value on the RS-232 bus.
Event table for RS-232 bus with all captured packets time stamped and in a tabular view.
6 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com