Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO4EMBD Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DPO4EMBD
Description  Serial Triggering and Analysis ApplicationModules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO4EMBD Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DPO4EMBD Datasheet HTML 4Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 5Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 6Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 7Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 8Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 9Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 10Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 11Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
LIN Characteristics
Bus Setup Options
Characteristic
Description
Source
Analog channels 1-4
Digital channels D0-D15 (MSO models only)
Thresholds
Per-channel thresholds
Recommended
Probing
Single Ended
Sample Point
Position at 5% to 95% within bit period or unit interval
Decode Configuration
Polarity
Normal or Inverted
Bit rate
Pre-defined list
of rates
1.2 Kb/s - 19.2 Kb/s
Custom
800 b/s - 100 Kb/s
LIN standard
v1.x, v2.x, or Both
Include parity bits
with ID
Yes or No
Formats Available
Decimal: ID and Parity; Hex: Data and Checksum
Binary
Display Modes
Bus
Bus only
Bus and
Waveforms
Simultaneous display of bus and digital waveforms
Event Table
Decoded packet data in a tabular view
Bus Trigger and Search Options
Characteristic
Description
Trigger and/or
Search On
Sync
Identifier
Data (number of bytes 1-8; trigger or search when =, ≠,<,>,
≤, ≥, inside range, outside range)
ID and Data
Wakeup Frame
Sleep Frame
Error (Sync, ID Parity, Checksum)
Bus Decode
Characteristic
Description
Maximum Bit Rate
Up to 1 Mb/s, by LIN definition up to 20 Kb/s (for automated
decoding of bus)
Decode Display
Start (green bracket)
Sync, Break (purple box)
Identifier, Parity (yellow box)
Data (cyan box)
Checksum, Wakeup (purple box)
End of frame (red bracket)
Errors (red box)
-Sync
-Parity
- Checksum
- Header Time
- Response Time
- Frame Time
- Response and Frame Time
LIN bus setup, showing source configuration options for LIN bus.
Triggering on a Sync Error on the LIN bus.
Event table for LIN bus with all captured packets time stamped and in a tabular view.
8 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com