Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD65N3LLH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD65N3LLH5
Description  N-channel 30 V, 0.0061, 65 A, DPAK, IPAK STripFET V Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD65N3LLH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STD65N3LLH5 Datasheet HTML 1Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 2Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 3Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 4Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 5Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 6Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 7Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 8Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
May 2011
Doc ID 17281 Rev 1
1/17
17
STD65N3LLH5
STU65N3LLH5
N-channel 30 V, 0.0061
Ω, 65 A, DPAK, IPAK
STripFET™ V Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ Very low switching gate charge
■ High avalanche ruggedness
■ Low gate drive power losses
Application
Switching applications
Description
This STripFET™V Power MOSFET technology is
among the latest improvements, which have been
especially tailored to achieve very low on-state
resistance providing also one of the best-in-class
figure of merit.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STD65N3LLH5
30 V
0.0069
Ω
65 A
STU65N3LLH5
30 V
0.0073
Ω
65 A
DPAK
1
3
3
2
1
IPAK
Table 1.
Device summary
Order code
Marking
Package
Packaging
STD65N3LLH5
65N3LLH5
DPAK
Tape and reel
STU65N3LLH5
65N3LLH5
IPAK
Tube
www.st.com


Similar Part No. - STD65N3LLH5

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD65N3LLH5 DOINGTER-STD65N3LLH5 Datasheet
867Kb / 4P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STD65N3LLH5 VBSEMI-STD65N3LLH5 Datasheet
1,004Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STD65N3LLH5 ISC-STD65N3LLH5 Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STD65N3LLH5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4860N ONSEMI-NTD4860N Datasheet
99Kb / 8P
25 V, 65 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
logo
STMicroelectronics
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
342Kb / 15P
N-channel 25 V - 0.0038 Ω - 80 A - DPAK - IPAK STripFET??V Power MOSFET
20-Feb-2008
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5 Datasheet
231Kb / 12P
N-channel 25 V, 0.01 Ω, 40 A, DPAK, IPAK STripFET??V Power MOSFET
23-Sep-2008
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5 Datasheet
344Kb / 15P
N-channel 30 V, 0.0072 Ω, 48 A - DPAK - IPAK STripFET??V Power MOSFET
23-Sep-2008
STD70N2LH5 STMICROELECTRONICS-STD70N2LH5 Datasheet
232Kb / 12P
N-channel 25 V, 0.006 Ω, 48 A - DPAK - IPAK STripFET??V Power MOSFET
23-Sep-2008
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
25-Sep-2008
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_08 Datasheet
351Kb / 15P
N-channel 25 V, 0.0038 Ω, 80 A - DPAK - IPAK STripFET??V Power MOSFET
23-Sep-2008
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET™V Power MOSFET
01-Jul-2010
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5_09 Datasheet
391Kb / 16P
N-channel 30 V, 0.0072 Ω, 48 A DPAK, IPAK, TO-220 STripFET??V Power MOSFET
20-Apr-2009
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
07-Mar-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com