Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD65N3LLH5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD65N3LLH5
Description  N-channel 30 V, 0.0061, 65 A, DPAK, IPAK STripFET V Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD65N3LLH5 Datasheet(HTML) 3 Page - STMicroelectronics

  STD65N3LLH5 Datasheet HTML 1Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 2Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 3Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 4Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 5Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 6Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 7Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 8Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STD65N3LLH5, STU65N3LLH5
Electrical ratings
Doc ID 17281 Rev 1
3/17
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS=0)
30
V
VGS
Gate-source voltage
± 22
V
ID
Drain current (continuous) at TC = 25 °C
65
A
ID
Drain current (continuous) at TC = 100 °C
46
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
260
A
PTOT
Total dissipation at TC = 25 °C
50
W
Derating factor
0.3
W/°C
EAS
(2)
2.
Starting Tj = 25 °C, Id = 32.5 A, Vdd = 12 V.
Single pulse avalanche energy
TBD
mJ
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
3
°C/W
Rthj-amb
Thermal resistance junction-case max
100
°C/W
Tj
Maximum lead temperature for soldering purpose
275
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com