Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8506C Datasheet(PDF) 14 Page - ams AG

Part # AS8506C
Description  Battery Cell Monitor and Balancer IC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506C Datasheet(HTML) 14 Page - ams AG

Back Button AS8506C Datasheet HTML 10Page - ams AG AS8506C Datasheet HTML 11Page - ams AG AS8506C Datasheet HTML 12Page - ams AG AS8506C Datasheet HTML 13Page - ams AG AS8506C Datasheet HTML 14Page - ams AG AS8506C Datasheet HTML 15Page - ams AG AS8506C Datasheet HTML 16Page - ams AG AS8506C Datasheet HTML 17Page - ams AG AS8506C Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
AS8506C – 14
ams Datasheet: 2014-Jun-23 [v1-00]
E l ec t r i c al C h a r ac teri sti c s
Analog to Digital Converter
-40ºC < TJ < 115ºC; all voltages are with respect to ground
(GND).
Figure 11:
Analog to Digital Converter
Pre-Regulator
This Pre_reg is an internal regulator which provides supply to
digital and a few analog blocks..
-40ºC < TJ < 115ºC; all voltages are with respect to ground
(GND).
Figure 12:
Pre-reg Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
VSUP
Input supply voltage
4.75
5
5.25
V
LDO output as supply
VINREF
Input reference voltage
4.485
4.5
4.515
V
After absolute trim at 0 hours,
specification does not include
solder stress/board stress
effects
DOUT
Resolution
12
bits
TMEAS_ADC
Measurement time per
channel
1.4
ms
ADCINL
INL
±4
LSB
No production test.
ADCDNL
DNL
±2
LSB
No production test.
Symbol
Parameter
Min
Typ
Max
Unit
Note
VSUP
Input supply voltage
6
12
32
V
P5V
Prereg_output voltage
range
4.3
5.0
5.5
V
3V3
3.3V_output voltage
range
2.8
3.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com