Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8506C Datasheet(PDF) 18 Page - ams AG

Part # AS8506C
Description  Battery Cell Monitor and Balancer IC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506C Datasheet(HTML) 18 Page - ams AG

Back Button AS8506C Datasheet HTML 14Page - ams AG AS8506C Datasheet HTML 15Page - ams AG AS8506C Datasheet HTML 16Page - ams AG AS8506C Datasheet HTML 17Page - ams AG AS8506C Datasheet HTML 18Page - ams AG AS8506C Datasheet HTML 19Page - ams AG AS8506C Datasheet HTML 20Page - ams AG AS8506C Datasheet HTML 21Page - ams AG AS8506C Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
AS8506C – 18
ams Datasheet: 2014-Jun-23 [v1-00]
E l ec t r i c al C h a r ac teri sti c s
Ron of the Shuttle Switches (Internal Switch for
Charging/Discharging)
-40°C < TJ < 115°C.
Figure 17:
Ron of the Shuttle Switches
Over-Temperature Measurement
Figure 18:
OTM Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
Ron_shut
Shuttle switch ON resistance
5
20
Ω
The maximum
charging/discharging
current limit through
shuttle switch is 100mA.
Only for Cell1 maximum
charging/discharging
current is limited to 30mA
less than 2V of cell voltage
at 115 junction of cell
voltage.
Symbol
Parameter
Min
Typ
Max
Unit
Note
Tjshut
Shut down temperature
115
135
145
ºC
Junction temperature for
Shutdown
Tjwarn
Warning temperature
100
125
140
ºC
Junction temperature for
Warning
Tjrecv
Recovery temperature
100
115
130
ºC
Junction temperature for
Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com