Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8506C Datasheet(PDF) 6 Page - ams AG

Part # AS8506C
Description  Battery Cell Monitor and Balancer IC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506C Datasheet(HTML) 6 Page - ams AG

Back Button AS8506C Datasheet HTML 2Page - ams AG AS8506C Datasheet HTML 3Page - ams AG AS8506C Datasheet HTML 4Page - ams AG AS8506C Datasheet HTML 5Page - ams AG AS8506C Datasheet HTML 6Page - ams AG AS8506C Datasheet HTML 7Page - ams AG AS8506C Datasheet HTML 8Page - ams AG AS8506C Datasheet HTML 9Page - ams AG AS8506C Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
AS8506C – 6
ams Datasheet: 2014-Jun-23 [v1-00]
P i n A ssig n me n t
19
WAKE_IN
Digital input
with pull-up
The wake pulse on this pin brings the IC into
NORMAL mode. This pin has a pull-up resistor to the
internal regulator. Should be driven with an open
drain or external NMOS.
20
NC_T
Analog input /
output
Not connected. Only used in Test mode.
21
SDO
Digital output
SPI data out
22
SDI
Digital input
SPI data in
23
SCLK
SPI clock
24
CS
Digital input
with pull-up
SPI chip select
25
CELL_THU
Analog input /
output
Cell voltage upper threshold
26
CELL_THL
Cell voltage lower threshold
27
TEMP_IN2
Temperature input2 to the IC (NTC input; if NTC is not
connected, then should be connected to GND with
1K resistor).
28
TEMP_IN1
Temperature input1 to the IC (NTC input; if NTC is not
connected, then should be connected to GND with
1K resistor).
29
REF_T
Supply to temperature sensor (Reference voltage to
DAC and ADC).
30
V5V
Power supply
input
LDO 5V output.
31
V5V_IN
Supply to the bottom IC from the cascaded top IC.
32
WAKE_OUT
Digital output
open drain
Open drain o/p on the VSUP+5V domain. WAKE_IN
information will be transmitted to top device.
33
FD_IN
Digital input
Flyback converter gate drive input in daisy chain
connection. (If FD_IN is ‘high’ then FD_OUT will be
PWM o/p in balance mode).
34
BD_IN
Digital input
with pull-down
In cell stack system, the device gets balance done
status of above device. During address allocation
process if this pin is ‘High’, then the device address is
decremented by ‘1’.
35
CVT_NOK_IN
Indicates cell voltage or temperature status of above
device.
Pin Number
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com