Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6207Q Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6207Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207Q Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6207Q Datasheet HTML 2Page - STMicroelectronics L6207Q Datasheet HTML 3Page - STMicroelectronics L6207Q Datasheet HTML 4Page - STMicroelectronics L6207Q Datasheet HTML 5Page - STMicroelectronics L6207Q Datasheet HTML 6Page - STMicroelectronics L6207Q Datasheet HTML 7Page - STMicroelectronics L6207Q Datasheet HTML 8Page - STMicroelectronics L6207Q Datasheet HTML 9Page - STMicroelectronics L6207Q Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pin connection
L6207Q
6/27
DocID018993 Rev 3
15, 16
SENSEB
Power supply
Bridge B source pin. This pin must be connected to power ground
through a sensing power resistor.
17
IN1B
Logic input
Bridge B input 1
18
IN2B
Logic input
Bridge B input 2
19
VREFB
Analog input
Bridge B current controller reference voltage. Do not leave this pin open
or connect to GND.
20
ENB
Logic input(1)
Bridge B enable. Low logic level switches off all power MOSFETs of
Bridge B. This pin is also connected to the collector of the overcurrent
and thermal protection transistor to implement overcurrent protection. If
not used, it must be connected to +5 V through a resistor.
21
VBOOT
Supply voltage
Bootstrap voltage needed for driving the upper power MOSFETs of both
Bridge A and bridge B.
22, 23
OUT2B
Power output
Bridge B output 2.
26, 27
VSB
Power supply
Bridge B power supply voltage. It must be connected to the supply
voltage together with pin VSA.
34, 35
VSA
Power supply
Bridge A power supply voltage. It must be connected to the supply
voltage together with pin VSB.
38, 39
OUT2A
Power output
Bridge A output 2.
40
VCP
Output
Charge pump oscillator output.
41
ENA
Logic input(1)
Bridge A enable. Low logic level switches off all power MOSFETs of
bridge A. This pin is also connected to the collector of the overcurrent
and transistor to implement overcurrent protection. If not used, it must be
connected to +5 V through a resistor. Thermal protection
42
VREFA
Analog input
Bridge A current controller reference voltage. Do not leave this pin open
or connect to GND.
1. Also connected at the output drain of the overcurrent and thermal protection MOSFET. Therefore, it must be driven putting
in series a resistor with a value in the range of 2.2 k
 - 180 k, recommended 100 k.
Table 3. Pin description (continued)
Pin
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com