| Electronic Components Datasheet Search |
|
L6207Q Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6207Q Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 27 page ![]() Circuit description L6207Q 12/27 DocID018993 Rev 3 5.3 PWM current control The L6207Q device includes a constant OFF time PWM current controller for each of the two bridges. The current control circuit senses the bridge current by sensing the voltage drop across an external sense resistor connected between the source of the two lower power MOSFET transistors and ground, as shown in Figure 9. As the current in the load builds up, the voltage across the sense resistor increases proportionally. When the voltage drop across the sense resistor becomes greater than the voltage at the reference input (VREFA or VREFB), the sense comparator triggers the monostable switching the low-side MOSFET off. The low-side MOSFET remains off for the time set by the monostable and the motor current recirculates in the upper path. When the monostable times out, the bridge again turns on. As the internal deadtime, used to prevent cross conduction in the bridge, delays the turn-on of the power MOSFET, the effective OFF time is the sum of the monostable time plus the deadtime. Figure 9. PWM current controller simplified schematic Table 6. Truth table Inputs Outputs Description(1) 1. Valid only in case of load connected between OUT1 and OUT2. EN IN1 IN2 OUT1 OUT2 L X(2) 2. X = don’t care. X High Z(3) 3. High Z = high impedance output. High Z Disable H L L GND GND Brake mode (lower path) H H L VS GND (Vs)(4) 4. GND (VS) = GND during tON, VS during tOFF. Forward H L H GND (Vs) VS Reverse H H H VS VS Brake mode (upper path) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |