Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6207Q Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6207Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207Q Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6207Q Datasheet HTML 3Page - STMicroelectronics L6207Q Datasheet HTML 4Page - STMicroelectronics L6207Q Datasheet HTML 5Page - STMicroelectronics L6207Q Datasheet HTML 6Page - STMicroelectronics L6207Q Datasheet HTML 7Page - STMicroelectronics L6207Q Datasheet HTML 8Page - STMicroelectronics L6207Q Datasheet HTML 9Page - STMicroelectronics L6207Q Datasheet HTML 10Page - STMicroelectronics L6207Q Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DocID018993 Rev 3
7/27
L6207Q
Electrical characteristics
27
4
Electrical characteristics
VS = 48 V, TA = 25 °C, unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
VSth(ON)
Turn-on threshold
6.6
7
7.4
V
VSth(OFF) Turn-off threshold
5.6
6
6.4
V
IS
Quiescent supply current
All bridges OFF; Tj = -25 °C to
125 °C(1)
510
mA
Tj(OFF)
Thermal shutdown temperature
165
°C
Output DMOS transistors
RDS(ON)
High-side switch ON resistance
Tj = 25 °C
0.34
0.4
Tj = 125 °C(1)
0.53
0.59
Low-side switch ON resistance
Tj = 25 °C
0.28
0.34
Tj = 125 °C(1)
0.47
0.53
IDSS
Leakage current
EN = low; OUT = VS
2mA
EN = low; OUT = GND
-0.15
mA
Source drain diodes
VSD
Forward ON voltage
ISD = 2.5 A, EN = low
1.15
1.3
V
trr
Reverse recovery time
If = 2.5 A
300
ns
tfr
Forward recovery time
200
ns
Logic input
VIL
Low level logic input voltage
-0.3
0.8
V
VIH
High level logic input voltage
2
7
V
IIL
Low level logic input current
GND logic input voltage
-10
µA
IIH
High level logic input current
7 V logic input voltage
10
µA
Vth(ON)
Turn-on input threshold
1.8
2
V
Vth(OFF)
Turn-off input threshold
0.8
1.3
V
Vth(HYS)
Input threshold hysteresis
0.25
0.5
V
Switching characteristics
tD(on)EN
Enable to out turn ON delay time(2)
ILOAD = 2.5 A, resistive load
100
250
400
ns
tD(on)IN
Input to out turn ON delay time
ILOAD = 2.5 A, resistive load
(deadtime included)
1.6
µs
tRISE
Output rise time(2)
ILOAD = 2.5 A, resistive load
40
250
ns
tD(off)EN
Enable to out turn OFF delay time(2) ILOAD = 2.5 A, resistive load
300
550
800
ns
tD(off)IN
Input to out turn OFF delay time
ILOAD = 2.5 A, resistive load
600
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com