Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA715 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SA715
Description  Silicon PNP Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SA715 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SA715 Datasheet HTML 1Page - Hitachi Semiconductor 2SA715 Datasheet HTML 2Page - Hitachi Semiconductor 2SA715 Datasheet HTML 3Page - Hitachi Semiconductor 2SA715 Datasheet HTML 4Page - Hitachi Semiconductor 2SA715 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA715
Silicon PNP Epitaxial
Application
Low frequency power amplifier complementary pair with 2SC1162
Outline
1. Emitter
2. Collector
3. Base
TO-126 MOD
1
2
3
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
Collector to base voltage
V
CBO
–35
V
Collector to emitter voltage
V
CEO
–35
V
Emitter to base voltage
V
EBO
–5
V
Collector current
I
C
–2.5
A
Collector peak current
I
C(peak)
–3
A
Collector power dissipation
P
C
0.75
W
P
C*
1
10
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at T
C = 25°C


Similar Part No. - 2SA715

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA715 ISC-2SA715 Datasheet
105Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA715 SAVANTIC-2SA715 Datasheet
145Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA715 JMNIC-2SA715 Datasheet
194Kb / 4P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA715 SAVANTIC-2SA715 Datasheet
147Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA715 JMNIC-2SA715 Datasheet
194Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SA715

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA778 RENESAS-2SA778 Datasheet
106Kb / 7P
Silicon PNP Epitaxial
2SA893A RENESAS-2SA893A Datasheet
161Kb / 5P
Silicon PNP Epitaxial
2SA1121 RENESAS-2SA1121 Datasheet
65Kb / 5P
Silicon PNP Epitaxial
2SA1122 RENESAS-2SA1122 Datasheet
164Kb / 5P
Silicon PNP Epitaxial
2SA2080 RENESAS-2SA2080_05 Datasheet
172Kb / 6P
Silicon PNP Epitaxial
2SB562 RENESAS-2SB562 Datasheet
157Kb / 6P
Silicon PNP Epitaxial
2SB831 RENESAS-2SB831 Datasheet
160Kb / 6P
Silicon PNP Epitaxial
2SA1468 RENESAS-2SA1468 Datasheet
154Kb / 8P
Silicon PNP Epitaxial
2SB1059 RENESAS-2SB1059 Datasheet
139Kb / 6P
Silicon PNP Epitaxial
2SB1409 RENESAS-2SB1409 Datasheet
152Kb / 8P
Silicon PNP Epitaxial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com