Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA715 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SA715
Description  Silicon PNP Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SA715 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SA715 Datasheet HTML 1Page - Hitachi Semiconductor 2SA715 Datasheet HTML 2Page - Hitachi Semiconductor 2SA715 Datasheet HTML 3Page - Hitachi Semiconductor 2SA715 Datasheet HTML 4Page - Hitachi Semiconductor 2SA715 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA715
3
Maximum Collector Dissipation Curve
16
12
8
4
0
50
100
150
200
Case temperature TC (°C)
Collector to emitter voltage VCE (V)
Typical Output Characteristics
–2.0
–1.6
–1.2
–0.8
–0.4
0
–1
–2–3–4
–5
TC = 25°C
IB = 0
–2 mA
–4
–6
–8
–10
–12
–14
–17
Typical Transfer Charecteristics
VCE = –2 V
–2.0
–1.0
–0.5
–0.2
–0.1
–0.05
–0.02
–0.01
0
–0.4
–0.8
–1.2
–0.2
–0.5
–1.0
–1.4
Base to emetter voltage VBE (V)
DC Current Transfer Ratio vs.
Collector Current
240
200
160
120
80
40
0
–0.01 –0.02
–0.1
–0.5
–2
–0.2
–1.0
–0.05
VCE = –2 V
TC = 75°C
25
–25
Collector current IC (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com