Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA715 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SA715
Description  Silicon PNP Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SA715 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SA715 Datasheet HTML 1Page - Hitachi Semiconductor 2SA715 Datasheet HTML 2Page - Hitachi Semiconductor 2SA715 Datasheet HTML 3Page - Hitachi Semiconductor 2SA715 Datasheet HTML 4Page - Hitachi Semiconductor 2SA715 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA715
2
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
–35
—
—
V
I
C = –1 mA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
–35
—
—
V
I
C = –10 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
–5
—
—
V
I
E = –1 mA, IC = 0
Collector cutoff current
I
CBO
—
—
–20
µAV
CB = –35 V, IE = 0
DC current transfer ratio
h
FE*
1
60
—
320
V
CE = –2 V, IC = –0.5 A
h
FE
20
—
—
V
CE = –2 V, IC = –1.5 A
(Pulse test)
Base to emitter voltage
V
BE
—
–1.0
–1.5
V
V
CE = –2 V, IC = –1.5 A
(Pulse test)
Collector to emitter saturation
voltage
V
CE(sat)
—
–0.5
–1.0
V
I
C = –2 A, IB = –0.2 A
(Pulse test)
Gain bandwidth product
f
T
—
160
—
MHz
V
CE = –2 V, IC = –0.2 A
(Pulse test)
Note:
1. The 2SA715 is grouped by h
FE as follows.
BC
D
60 to 120
100 to 200
160 to 320
0.8
0.6
0.4
0.2
0
50
100
150
200
Maximum Collector Dissipation
Curve
Ambient temperature Ta (
°C)
Area of Safe Operation
–5
–2
–1.0
–0.5
–0.2
–0.1
–1
–2
–5
–10
(–35 V,–0.28 A)
(–4 V,–2.5 A)
–20
–50
Collector to emitter voltage VCE (V)
TC = 25°C
IC max(DC Operation)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com