Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22Q394 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # ML22Q394
Description  ADPCM Speech Synthesis LSI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q394 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ML22Q394 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
FEDL22Q394-02
ML22Q394
32/42
Each phrase can set up the wait time before and after playback, a volume setup, and playback mode using
Speech Utility.
Figure .2 The option screen for every phrase of Speech Utility
1)
Wait time setting before and after playback (WS1, WS2, WS3, WS4)
Each phrase can set up the wait time before and after playback. Since it is an option setup, change will be
impossible once it sets up.
WS1: Time after inputting a phrase address, until SPP/SPM pins are enabled.
WS2: Time after SPP/SPM pins are enabled, until playback is started.
WS3: Time after playback is completed, until SPP/SPM pins are disabled.
WS4: Time after SPP/SPM pins are disabled, until it will be in a standby state.
WS1-WS4 can be arbitrarily set up between 0 to1020ms (4ms unit).
2)
Volume setup (Volume)
Each phrase can set up the volume setup. Since it is an option setup, change will be impossible once it sets up.
Value [hex]
Volume [dB]
Value [hex]
Volume [dB]
Value [hex]
Volume [dB]
00h
+2.98
0Ah
-0.41
15h
-6.87
01h
+2.70
0Bh
-0.83
16h
-7.79
02h
+2.40
0Ch
-1.28
17h
-8.82
03h
+2.10
0Dh
-1.75
18h
-9.99
04h
+1.78
0Eh
-2.25
19h
-11.34
05h
+1.45
0Fh
-2.77
1Ah
-12.94
06h
+1.11
10h
-3.34
1Bh
-14.90
07h
+0.76
11h
-3.94
1Ch
-17.44
08h
+0.39
12h
-4.58
1Dh
-21.04
09h
+0.00
13h
-5.28
1Eh
-27.31
14h
-6.04
1Fh
OFF
SDA
BUSYB
SPP/SPM
Status
Phrase
Hi-Z
Awaiting command
Standby
Playing
Command processing
Standby
WS1 WS2
WS3 WS4
Awaiting oscillation stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com