| Electronic Components Datasheet Search |
|
ML22Q394 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML22Q394 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers |
|
36 / 42 page ![]() FEDL22Q394-02 ML22Q394 36/42 Parameter Function Explanation (1) Use of speaker short detective ON or OFF selection of a short detection function If a check box is turned on, a short detection circuit will become effective. SEQ Pins Setting Interface setup SEQ1 BUSYB setup (2) Use SEQ1 Use or unuse selection of BUSYB If a check box is turned on, a BUSYB pin can be used. If a check box is turned off, a BUSYB pin does not function but the fixed output of the initial value is carried out. (3) Initial State Initial output level selection of BUSYB The initial value of a BUSYB pin at voice stop can be chosen. L Level Output L Level Output The "L" level is outputted at voice stop. H Level Output H Level Output The "H" level is outputted at voice stop. (4) Condition BUSYB condition setup BUSYB condition can be chosen. CMOS CMOS output a BUSYB pin become a CMOS output. Usually, please use this setup. Nch Open Drain Nch Open Drain output The "L" level is outputted at the “L” level. High impedance is outputted at the H" level. Pch Open Drain Pch Open Drain output The "H" level is outputted at the “H” level. High impedance is outputted at the L" level. Hi-Z High impedance output High impedance is always outputted. When BUSYB use mode is set up, please do not use it. CSB Pins Setting CSB setup (5) Initial State CSB input level The initial value of a CSB pin at standby can be chosen. L Level Input L Level Input The "L" level is inputted at standby. H Level Input H Level Input The "H" level is inputted at program operation. (6) Condition CSB condition setup CSB condition can be chosen. Pch Pull-up Pch Pull-up input Built-in Pull-up resistance can be used. Hi-Z High impedance input It is used at CMOS connection. Usually, please use this setup. (7) Use CSB Use or unuse selection of CSB If a check box is turned on, the interface using a CSB pin is attained. If a check box is turned off, two terminal interface of SCL and SDA is attained. I2C Pins Setting I2C setup The I2C condition can be set up. (8) Slave address Slave address setting 7-bits slave address can be set up. (9) Acknowledge Setting Acknowledge level setup The level of the acknowledge signal outputted at the time of termination of reception can be set up. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |