Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22Q394 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ML22Q394
Description  ADPCM Speech Synthesis LSI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q394 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ML22Q394 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 40Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 41Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 42Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
FEDL22Q394-02
ML22Q394
38/42
POWER SUPPLY WIRING
The power supplies of this LSI are divided into the following two:
• Power supply for logic circuitry (: DV
DD)
• Power supply for speaker amplifier (: SPV
DD)
The example of power connection is shown below.
DVDD
SPVDD
DGND
SPGND
5V
DVDD
SPVDD
DGND
SPGND
3V
5V
- Turn on DVDD and SPVDD simultaneously, or turn on SPVDD after turning on DVDD.
- Turn off DVDD and SPVDD simultaneously, or turn off DVDD after turning on SPVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com