Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE4N73FP Datasheet(PDF) 4 Page - Micross Components

Part # ICE4N73FP
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

ICE4N73FP Datasheet(HTML) 4 Page - Micross Components

  ICE4N73FP Datasheet HTML 1Page - Micross Components ICE4N73FP Datasheet HTML 2Page - Micross Components ICE4N73FP Datasheet HTML 3Page - Micross Components ICE4N73FP Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Drain to Source Breakdown Voltage vs. Junction Temperature
-50
25
50
75
100
125
150
0
-25
ICE4N73FP
I
D = 250µA
V
DS- Drain to Source Voltage (V)
T
J - Junction Temperature (°C)
t - Time (seconds)
Maximum Rate Forward Biased Safe Operating Area
Transient Thermal Response - Junction to Case
Single Pulse
Tc = 25°C
T = 150°C
V
GS = 10V
R
DS (ON) Limit
Package Limit
Thermal Limit
0.5
0.2
0.1
10us
100us
1ms
10ms
DC
0.05
0.02
Single Pulse
0.1
0.01
1.00
1.05
1
0.10
1.10
10
100
1.00
1.15
0.01
0.00
0.95
0.95
0.1
1.0E-05 1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E-00
10
100
1000
1
V
DS- Drain to Source Voltage (V)
Capacitance
Crss
Coss
Ciss
800
700
600
500
400
300
200
100
900
1000
0
0
30
40
50
20
10
I
D = 250uA
T
J - Junction Temperature (°C)
Gate Threshold Voltage vs. Junction Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-50
25
50
75
100
125
150
0
-25
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603 788920, Web: www.micross.com, Email: chipcomponents@micross.com
4
Notes:
Ciss
Coss
Crss
P
DM
t1
t1
t2
t2
Duty Cycle, D =



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com